データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3001GB2A0 データシート(PDF) 1 Page - Integrated Device Technology

部品番号 TS3001GB2A0
部品情報  Temperature Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

TS3001GB2A0 データシート(HTML) 1 Page - Integrated Device Technology

  TS3001GB2A0 Datasheet HTML 1Page - Integrated Device Technology TS3001GB2A0 Datasheet HTML 2Page - Integrated Device Technology TS3001GB2A0 Datasheet HTML 3Page - Integrated Device Technology TS3001GB2A0 Datasheet HTML 4Page - Integrated Device Technology TS3001GB2A0 Datasheet HTML 5Page - Integrated Device Technology TS3001GB2A0 Datasheet HTML 6Page - Integrated Device Technology TS3001GB2A0 Datasheet HTML 7Page - Integrated Device Technology TS3001GB2A0 Datasheet HTML 8Page - Integrated Device Technology TS3001GB2A0 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1 of 23
April 06, 2012
 2012 Integrated Device Technology, Inc.
DSC 7328/6
®
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
Description
The TS3001GB2A0 digital temperature sensor with accuracy up to
±0.5°C was designed to target applications demanding highest level of
temperature readout.
The digital temperature sensor comes with several user-programmable
registers to provide maximum flexibility for temperature-sensing
applications. The registers allow specifying critical, upper, and lower
temperature limits as well as hysteresis settings. Both the limits and
hysteresis values are used for communicating temperature events from
the chip to the system. This communication is done using Event pin,
which has an open-drain configuration. The user has the option of setting
the Event pin polarity as either an active-low or active-high comparator
output for thermostat operation, or as a temperature event interrupt
output for microprocessor-based systems.
An additional output open-drain pin, NRST is also sensitive to
temperature thresholds and releases a low pulse after TCRIT
temperature limit has been exceeded followed by TLOW limit crossing.
The sensor uses an industry standard 2-wire, I2C/SMBus serial
interface, and allows up to four devices to be controlled on the bus.
Typical Applications
Thermal
Controller
Or
Board
management
Controller
Or
Any other
I2C/SMBus
Master Device
TS3001GB2A0
EVENT
SMBus
SMBus
Up to 4 Temperature
sensors
NRST
TS3001GB2A0
VDD
NRST
VDD
EVENT
Features
Temperature Sensor
Single Supply: 3.3V ± 5%
Accurate timeout support
- Meets strict SMBus spec of 25ms (min) 35ms (max)
Timeout supported in all Modes
– Active mode
– Shutdown mode
Schmitt trigger and noise filtering on bus inputs
2-wire Serial Interface: 10-400 kHz I2C™ /SMBus™
Package: TDFN-8
Temperature Sensor Features
Temperature Converted to Digital Data
Sampling Rate of 100ms (max)
EVENT and NRST outputs based on temperature threshold
events
Selectable 0, 1.5°C, 3°C, 6°C Hysteresis
Programmable Resolution from 0.0625°C to 0.5°C
Accuracy:
– ±0.5°C/ ±1.0°C (typ/max)from +75°C to +95°C
– ±1.0°C/±2.0°C (typ/max) from +40°C to +125°C
– ±2.0°C/ ±3.0°C (typ/max) from -20°C to +125°C
Typical Applications
Electric Power Module
Servers, Laptops, Ultra-portables, PC Boards
High end audio / video equipment
Portable devices
Hard Disk Drives and Other PC Peripherals
TS3001GB2A0
Data Sheet
Local Temperature
Sensor


同様の部品番号 - TS3001GB2A0

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
TS3001GB2A0 RENESAS-TS3001GB2A0 Datasheet
704Kb / 24P
   Local Temperature Sensor
April 06, 2012
TS3001GB2A0NCG8 RENESAS-TS3001GB2A0NCG8 Datasheet
704Kb / 24P
   Local Temperature Sensor
April 06, 2012
More results

同様の説明 - TS3001GB2A0

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com