データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UCSR3654SG-D07-T データシート(PDF) 9 Page - Unisonic Technologies

部品番号 UCSR3654SG-D07-T
部品情報  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCSR3654SG-D07-T データシート(HTML) 9 Page - Unisonic Technologies

  UCSR3654SG-D07-T Datasheet HTML 1Page - Unisonic Technologies UCSR3654SG-D07-T Datasheet HTML 2Page - Unisonic Technologies UCSR3654SG-D07-T Datasheet HTML 3Page - Unisonic Technologies UCSR3654SG-D07-T Datasheet HTML 4Page - Unisonic Technologies UCSR3654SG-D07-T Datasheet HTML 5Page - Unisonic Technologies UCSR3654SG-D07-T Datasheet HTML 6Page - Unisonic Technologies UCSR3654SG-D07-T Datasheet HTML 7Page - Unisonic Technologies UCSR3654SG-D07-T Datasheet HTML 8Page - Unisonic Technologies UCSR3654SG-D07-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UCSR3654S
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R129-009.a
TYPICAL APPLICATION CIRCUIT (5V, 3.0A)
BOM
Reference
Component
Reference
Component
BD1
BD 2A/600V
R1
R 2.4KΩ 1206 ±5%
L1
1m H 6x8mm
R4
R 200KΩ 1206 ±5%
C1
EC 22u F 400V 105°C
R5
R 18KΩ 0805 ±1%
C2
EC 22u F 400V 105°C
R6
R 3.3KΩ 0805 ±1%
C3
EC 4.7u F 50V 105°C
R7
R 0.7Ω 1206 ±5%
C4
CC 1n F 1000V 1206
R8
R 820Ω 1206 ±5%
C5
CC 0.1u F 50V 0805
T1
RM-6
C6
EC 2200u F 10V 105°C
F1
FUSE 1A 250VAC
D1,D2
Diode UTC 1N4007G
CY1
Y/C 1000p F 250V
D3
Diode UTC MGBR40V45C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


同様の部品番号 - UCSR3654SG-D07-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UCSR3651S UTC-UCSR3651S Datasheet
248Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651SG-D07-T UTC-UCSR3651SG-D07-T Datasheet
248Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651SG-D07A-T UTC-UCSR3651SG-D07A-T Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651SG-S08-R UTC-UCSR3651SG-S08-R Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results

同様の説明 - UCSR3654SG-D07-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
USR3651S UTC-USR3651S Datasheet
219Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S Datasheet
248Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSR100 UTC-UPSR100_15 Datasheet
211Kb / 7P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
US3651 UTC-US3651 Datasheet
205Kb / 8P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654_16 Datasheet
226Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCSR3651S UTC-UCSR3651S_16 Datasheet
247Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651S UTC-USR3651S_18 Datasheet
261Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USR3651 UTC-USR3651 Datasheet
242Kb / 8P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
USRB02 UTC-USRB02 Datasheet
224Kb / 7P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UCS3654 UTC-UCS3654 Datasheet
217Kb / 9P
   HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com