データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5XRGB-F2-F データシート(PDF) 1 Page - HB Electronic Components

部品番号 5XRGB-F2-F
部品情報  CMOS Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

5XRGB-F2-F データシート(HTML) 1 Page - HB Electronic Components

  5XRGB-F2-F Datasheet HTML 1Page - HB Electronic Components 5XRGB-F2-F Datasheet HTML 2Page - HB Electronic Components 5XRGB-F2-F Datasheet HTML 3Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features:
CMOS Technology
Designed for bonding with LED chip
Blinking Frequency: 15s/Cycle
Frequency tolerance : ±20%
With both sink and source output drivers
Package Dimensions:
Part No.
Chip Material
Lens Color
Source Color
AlGaInP
Water Clear
Red
InGaN
Water Clear
Green
InGaN
Water Clea
Blue
Notes:
1.All dimensions are in millimeters (inches).
2.Tolerance is ±0.25mm (.010”)unless otherwise noted.
3.Protruded resin under flange is 1.5mm(.059”)max.
4.Lead spacing is measured where the leads emerge from the package.
5.Specifications are subject to change without notice.
Part No.
5XRGB-F2-F
Spec No.
S/N-050909125
Page
1 of 3
Version: 1.0
5XRGB-F2-F
5XRGB-F2-F


同様の部品番号 - 5XRGB-F2-F

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
More results

同様の説明 - 5XRGB-F2-F

メーカー部品番号データシート部品情報
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
   0.25um CMOS Technology
CE66 FUJITSU-CE66 Datasheet
29Kb / 2P
   0.35um CMOS Technology
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
   65nm CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com