データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TD3041 データシート(PDF) 1 Page - Solid State Optronic

部品番号 TD3041
部品情報  Zero Volt Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SSOUSA [Solid State Optronic]
ホームページ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3041 データシート(HTML) 1 Page - Solid State Optronic

  TD3041 Datasheet HTML 1Page - Solid State Optronic TD3041 Datasheet HTML 2Page - Solid State Optronic TD3041 Datasheet HTML 3Page - Solid State Optronic TD3041 Datasheet HTML 4Page - Solid State Optronic TD3041 Datasheet HTML 5Page - Solid State Optronic TD3041 Datasheet HTML 6Page - Solid State Optronic TD3041 Datasheet HTML 7Page - Solid State Optronic TD3041 Datasheet HTML 8Page - Solid State Optronic TD3041 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 9
TD3041
Zero Volt Switching
400V
Triac Driver
TD3041 /H/S/TR
Rev 2.00 (11/12/2013)
001674
Description
The TD3041 consists of a single input LED optically
coupled to a zero-volt crossing triac driver. The TD3041
provides high input-to-output isolation and is designed to
drive high-powered triacs. Typical uses include interfacing
logic level control signals to equipment powered from
110VAC lines and higher.
The TD3041 comes standard in a miniature 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Home Appliances
Motor / Drive Controls
Solid State Relays
Solenoid / Valve Control
Temperature Control
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …….………...………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..330mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
TD3041
6 pin DIP, (60/Tube)
TD3041-H
0.40” (10.16mm) Lead Spacing (VDE0884)
TD3041-S
6 pin SMD, (60/Tube)
TD3041-STR
6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Zero-Volt Switching
400V Blocking Voltage
Trigger Current (15mA MAX)
High Isolation Voltage (5000VRMS)
High dV/dt (1kV/
S MIN, 2kV/S TYP)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
5
6
(+) Input
(-) Input
Do Not Connect
(Triac Substrate)
+/- Load
TD3041
3
4
Do Not Connect
-/+ Load
Zero Volt
Crossing
Circuit


同様の部品番号 - TD3041

メーカー部品番号データシート部品情報
logo
Solid State Optronic
TD3042 SSOUSA-TD3042 Datasheet
594Kb / 5P
   Zero-Volt Switching
TD3043 SSOUSA-TD3043 Datasheet
336Kb / 4P
   Zero-Volt Switching Triac Driver
More results

同様の説明 - TD3041

メーカー部品番号データシート部品情報
logo
Solid State Optronic
TD3081 SSOUSA-TD3081 Datasheet
436Kb / 9P
   Zero Volt Switching
TD3062 SSOUSA-TD3062 Datasheet
448Kb / 9P
   Zero-Volt Switching
TD3042 SSOUSA-TD3042 Datasheet
594Kb / 5P
   Zero-Volt Switching
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
   Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
   Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
   Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
   Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
   Zero-Volt Cross Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com