データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-W6-60X10-11W データシート(PDF) 5 Page - HB Electronic Components

部品番号 LM-W6-60X10-11W
部品情報  Through the LM-80 certification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-60X10-11W データシート(HTML) 5 Page - HB Electronic Components

  LM-W6-60X10-11W Datasheet HTML 1Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 2Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 3Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 4Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 5Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Stands
Colour
tenperatur
e
Center of
Coordinates
Long axis
Minor axis
Gradient
Explain
ANSI
TC
X
Y
a
b
θ
SDCM
6500K
0.3123
0.3282
0.00892
0.0038
58.23
4-step MacAdam
5000K
0.3447
0.3553
0.00822
0.00354
59.62
3-step
MacAdam
4000K
0.3818
0.3797
0.00939
0.00402
53.72
3500K
0.4073
0.3917
0.00951
0.00417
52.58
3000K
0.4338
0.403
0.00714
0.00408
53.22
2700K
0.4578
0.4101
0.00774
0.00411
53.7
IEC
6500K
0.3123
0.3282
0.00892
0.0038
58.23
4-step MacAdam
5000K
0.3447
0.3553
0.00822
0.00354
59.62
3-step
MacAdam
4000K
0.3818
0.3797
0.00939
0.00402
53.72
3500K
0.4073
0.3917
0.00951
0.00417
52.58
3000K
0.4338
0.403
0.00714
0.00408
53.22
2700K
0.4578
0.4101
0.00774
0.00411
53.7
Hebei -6000K
6000K
0.3217
0.3303
0.00892
0.0038
58.23
4-step MacAdam
Code
Colour tenperature
W27
2700K
W30
3000K
W35
3500K
W40
4000K
W50
5000K
W60
6000K
W65
6500K
Notes:
Our company
deliver according to the 3 order macadam ellipses among 2700K-5000K and deliver the 4
order macadam ellipses among 6000K-6500K for above 3 stands.
Tolerance of measurements of the Forward Voltage is ±2%V
Tolerance of measurements of the Luminous Flux is ±15%
Tolerance of measurements of the Color Rendering Ra is ±2
Chromaticity Coordinates (x,y) is measured with an accuracy of ±0.01
The center of Coordinates (x,y) is based on C78.377:2008 ANSI reference
Ellipse refer to IEC 60081:1997
Ranking at TC=25℃
Hebei I.T. (Shanghai) Co., Ltd.
LED SPECIFICATION
LM-W6-60X10-11W
Part No:
www.ledz.com
Page 5 of 6


同様の部品番号 - LM-W6-60X10-11W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
More results

同様の説明 - LM-W6-60X10-11W

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045GA0 EVERLIGHT-EAHP3045GA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045OA0 EVERLIGHT-EAHP3045OA0 Datasheet
890Kb / 23P
   LM-80 Certified
EAHP3535BA0 EVERLIGHT-EAHP3535BA0 Datasheet
875Kb / 23P
   LM-80 Certified
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com