データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM-W6-60X10-11W データシート(PDF) 1 Page - HB Electronic Components

部品番号 LM-W6-60X10-11W
部品情報  Through the LM-80 certification
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HB [HB Electronic Components]
ホームページ  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

LM-W6-60X10-11W データシート(HTML) 1 Page - HB Electronic Components

  LM-W6-60X10-11W Datasheet HTML 1Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 2Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 3Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 4Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 5Page - HB Electronic Components LM-W6-60X10-11W Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product introduction
Features:
The series of products ,which use mirror aluminum for
substrate.The products have high brightness, long life,
a variety of power, easy installation, general size,
which are especially suitable for indoor and outdoor
lighting products, etc.
 High brightness、high reliability、long life
 Light angle:120°
Typical color temperature:
6500K/5000K/4000K/3500K/3000K/2700K
 Ra :80+
 Through the LM-80 certification
 In line with the EU ROHS standard
Hebei I.T. (Shanghai) Co., Ltd.
LM-W6-60X10-11W
LED SPECIFICATION
Part No:
Outline dimensions
NOTES:
All dimensions are millimeter.
 Tolerance is ±0.3mm unless otherwise noted.
 It is strongly recommended that the temperature of TS
Welding
plate ) is not higher than 100℃.
www.ledz.com
Page 1 of 6


同様の部品番号 - LM-W6-60X10-11W

メーカー部品番号データシート部品情報
logo
HB Electronic Component...
LM-W6-60X10-1W HB-LM-W6-60X10-1W Datasheet
349Kb / 6P
   High radiometric power per LED
More results

同様の説明 - LM-W6-60X10-11W

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EAHP3045OA1 EVERLIGHT-EAHP3045OA1 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP1215WA1 EVERLIGHT-EAHP1215WA1 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP2024WA5 EVERLIGHT-EAHP2024WA5 Datasheet
1Mb / 23P
   LM-80 Certified
EAHP3045RA5 EVERLIGHT-EAHP3045RA5 Datasheet
916Kb / 23P
   LM-80 Certified
EAHP3045YA2 EVERLIGHT-EAHP3045YA2 Datasheet
856Kb / 23P
   LM-80 Certified
EAHP1215WA2 EVERLIGHT-EAHP1215WA2 Datasheet
1Mb / 24P
   LM-80 Certified
EAHP3045BA0 EVERLIGHT-EAHP3045BA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045GA0 EVERLIGHT-EAHP3045GA0 Datasheet
889Kb / 23P
   LM-80 Certified
EAHP3045OA0 EVERLIGHT-EAHP3045OA0 Datasheet
890Kb / 23P
   LM-80 Certified
EAHP3535BA0 EVERLIGHT-EAHP3535BA0 Datasheet
875Kb / 23P
   LM-80 Certified
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com