データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA2004-H14-B-T データシート(PDF) 8 Page - Unisonic Technologies

部品番号 TDA2004-H14-B-T
部品情報  1010W STEREO AMPLIFIER FOR CAR RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2004-H14-B-T データシート(HTML) 8 Page - Unisonic Technologies

  TDA2004-H14-B-T Datasheet HTML 1Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 2Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 3Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 4Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 5Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 6Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 7Page - Unisonic Technologies TDA2004-H14-B-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TDA2004
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8
www.unisonic.com.tw
QW-R107-034.C
TYPICAL CHARACTORISTICS (cont.)
28
24
32
0
50
-50
100
TA ( )
Figure 13. Maximum Allowable Power Dissipation
vs. Ambient Temperature
20
4
8
12
16
0
Rth=
4
/W
Rth=8
/W
10
8
12
412
8
PoUT (W)
6
4
24
20
16
Figure 14. Total Power Dissipation and
Efficiency vs. Output Power
2
60
40
20
Vs=14.4V
RL=4Ω
f=1KHz
Gv=50dB
PD
η
4
2
6
26
4
PoUT (W)
12
10
8
60
40
20
Vs=13.2V
RL=3.2Ω
f=1KHz
Gv=50dB
Figure 15. Total Power Dissipation and
Efficiency vs. Output Power
PD
η
28
32
14
16
14
16
880
36
40
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


同様の部品番号 - TDA2004-H14-B-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
TDA2004-H14-T UTC-TDA2004-H14-T Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
More results

同様の説明 - TDA2004-H14-B-T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TDA2004A STMICROELECTRONICS-TDA2004A Datasheet
164Kb / 10P
   10 10W STEREO AMPLIFIER FOR CAR RADIO
logo
Unisonic Technologies
TDA2004 UTC-TDA2004 Datasheet
89Kb / 8P
   1010W STEREO AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA2004R STMICROELECTRONICS-TDA2004R Datasheet
293Kb / 17P
   10 10 W stereo amplifier for car radio
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2003 STMICROELECTRONICS-TDA2003 Datasheet
152Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_11 Datasheet
316Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com