データシートサーチシステム |
|
TS3A24157 データシート(PDF) 7 Page - Texas Instruments |
|
TS3A24157 データシート(HTML) 7 Page - Texas Instruments |
7 / 26 page www.ti.com Electrical Characteristics for 1.8-V Supply (1) TS3A24157 0.65- Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS208A – JUNE 2007 – REVISED SEPTEMBER 2007 V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO, 0 V+ V range VNC 25 °C 0.8 1.25 Peak ON 0 ≤ (VNO or VNC) ≤ V+, Switch ON, rpeak 1.65 V Ω resistance ICOM = –2 mA, See Figure 10 Full 1.4 25 °C 0.6 0.95 ON-state VNO or VNC = 1.5 V, Switch ON, ron 1.65 V Ω resistance ICOM = –2 mA, See Figure 10 Full 1 ON-state 25 °C 0.1 0.15 resistance match VNO or VNC = 0.6 V, 1.5 V, Switch ON, Δron 1.65 V Ω between ICOM = –2 mA, See Figure 10 Full 0.15 channels 0 ≤ (VNO or VNC) ≤ V+, Switch ON, 25 °C 0.35 0.13 ON-state ICOM = –2 mA, See Figure 10 resistance ron(flat) 1.65 V Ω 25 °C 0.05 VNO or VNC = 0.6 V, 1.5 V, Switch ON, flatness ICOM = –8 mA, See Figure 10 Full 0.2 NC, NO VNC or VNO = 0.3 V, VCOM = 1.65 V, 25 °C –50 50 INC(OFF), Switch OFF, OFF leakage or 1.65 nA INO(OFF) See Figure 11 Full –250 250 current VNC or VNO = 1.65 V, VCOM = 0.3 V, NC, NO VNC or VNO = 0.3 V, VCOM = Open, 25 °C –50 50 INC(ON), Switch ON, ON leakage or 1.95 V nA INO(ON) See Figure 12 Full –400 400 current VNC or VNO = 1.65 V, VCOM = Open, COM VNC or VNO = Open, VCOM = 0.3 V, 25 °C –50 50 Switch ON, ON leakage ICOM(ON) or 1.95 V nA See Figure 12 Full –400 400 current VNC or VNO = Open, VCOM = 1.65 V, Digital Control Inputs (IN1, IN2)(2) Input logic high VIH Full 1 V Input logic low VIL Full 0.4 V 25 °C 0 50 Input leakage IIH, IIL VI = 1.95 V or 0 1.95 V nA current Full 150 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): TS3A24157 |
同様の部品番号 - TS3A24157_15 |
|
同様の説明 - TS3A24157_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |