データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A27518E データシート(PDF) 4 Page - Texas Instruments

部品番号 TS3A27518E
部品情報  6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3A27518E データシート(HTML) 4 Page - Texas Instruments

  TS3A27518E_15 Datasheet HTML 1Page - Texas Instruments TS3A27518E_15 Datasheet HTML 2Page - Texas Instruments TS3A27518E_15 Datasheet HTML 3Page - Texas Instruments TS3A27518E_15 Datasheet HTML 4Page - Texas Instruments TS3A27518E_15 Datasheet HTML 5Page - Texas Instruments TS3A27518E_15 Datasheet HTML 6Page - Texas Instruments TS3A27518E_15 Datasheet HTML 7Page - Texas Instruments TS3A27518E_15 Datasheet HTML 8Page - Texas Instruments TS3A27518E_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ABSOLUTE MINIMUM AND MAXIMUM RATINGS
(1) (2)
THERMAL IMPEDANCE RATINGS
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY
(1)
TS3A27518E
SCDS260B – MARCH 2009 – REVISED MAY 2009........................................................................................................................................................... www.ti.com
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
4.6
V
VNC
VNO
Analog voltage range(3)(4)(5)
–0.5
4.6
V
VCOM
IK
Analog port diode current(6)
V+ < VNC, VNO, VCOM < 0
–50
mA
INC
INO
ON-state switch current(7)
VNC, VNO, VCOM = 0 to V+
–50
50
mA
ICOM
VI
Digital input voltage range(3)(4)
–0.5
4.6
V
IIK
Digital input clamp current(3)(4)
VIO < VI < 0
–50
mA
I+
Continuous current through V+
100
mA
IGND
Continuous current through GND
–100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Requires clamp diodes on analog port to V+.
(7)
Pulse at 1-ms duration <10% duty cycle
UNIT
PW package
87.9
θ
JA
Package thermal impedance(1)
RTW package
66
°C/W
ZQS package
171.6
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM,
0
V+
range
VNO, VNC
25°C
4.4
6.2
ON-state
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
ron
3 V
resistance
ICOM = –32 mA,
See Figure 15
Full
7.6
ON-state
25°C
0.3
0.7
VNC or VNO = 2.1 V,
Switch ON,
resistance match
Δron
3 V
ICOM = –32 mA,
See Figure 15
Full
0.8
between channels
ON-state
25°C
0.95
2.1
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
resistance
ron(flat)
3 V
ICOM = –32 mA,
See Figure 16
Full
2.3
flatness
VNC or VNO = 1 V,
25°C
–0.5
0.05
0.5
VCOM = 3 V,
INC(OFF),
or
3.6 V
INO(OFF)
Full
–7
7
VNC or VNO = 3 V,
NC, NO
VCOM = 1 V,
Switch OFF,
OFF leakage
µA
See Figure 16
VNC or VNO = 0 to 3.6 V,
25°C
–1
0.05
1
current
VCOM = 3.6 V to 0,
INC(PWROFF),
or
0 V
INO(PWROFF)
Full
–12
12
VNC or VNO = 3.6 V to 0,
VCOM = 0 to 3.6 V,
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS3A27518E


同様の部品番号 - TS3A27518E_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A27518E TI1-TS3A27518E_16 Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
More results

同様の説明 - TS3A27518E_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A27518E-Q1 TI1-TS3A27518E-Q1 Datasheet
956Kb / 30P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518E TI-TS3A27518E Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com