データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3DS26227 データシート(PDF) 7 Page - Texas Instruments

部品番号 TS3DS26227
部品情報  HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3DS26227 データシート(HTML) 7 Page - Texas Instruments

Back Button TS3DS26227_15 Datasheet HTML 3Page - Texas Instruments TS3DS26227_15 Datasheet HTML 4Page - Texas Instruments TS3DS26227_15 Datasheet HTML 5Page - Texas Instruments TS3DS26227_15 Datasheet HTML 6Page - Texas Instruments TS3DS26227_15 Datasheet HTML 7Page - Texas Instruments TS3DS26227_15 Datasheet HTML 8Page - Texas Instruments TS3DS26227_15 Datasheet HTML 9Page - Texas Instruments TS3DS26227_15 Datasheet HTML 10Page - Texas Instruments TS3DS26227_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TS3DS26227
www.ti.com
SCDS224B – JUNE 2008 – REVISED OCTOBER 2010
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY
(1)
(continued)
V+ = 2.3 V to 2.7 V, VIO = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETE
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
R
Dynamic
25°C
2.5 V
1
7
11
VCOM = V+,
CL = 35 pF
Turn-on time
tON
ns
2.3 to
RL = 50 Ω,
See Figure 17
Full
1
13
2.7 V
25°C
2.5 V
1
2.5
4.5
VCOM = V+,
CL = 35 pF
Turn-off time
tOFF
ns
2.3 to
RL = 50 Ω,
See Figure 17
Full
1
5.5
2.7 V
25°C
2.3 V
1
4
8
Break-before-
VNC = VNO = 0.6 V,
CL = 35 pF
tBBM
ns
2.3 to
make time
RL = 50 Ω,
See Figure 18
Full
1
10
2.7 V
Charge
VGEN = 0,
CL = 1 nF
QC
25°C
2.5 V
4
pC
injection
RGEN = 0,
See Figure 22
NC, NO
VNC or VNO = 1.6 V or
CNC(OFF),
OFF
GND,
See Figure 16
25°C
2.5 V
3.5
pF
CNO(OFF)
capacitance
Switch OFF,
NC, NO
VNC or VNO = 1.6 V or
CNC(ON),
ON
GND,
See Figure 16
25°C
2.5 V
10.5
pF
CNO(ON)
capacitance
Switch ON,
COM ON
VCOM = 1.6 V or GND,
CCOM(ON)
See Figure 16
25°C
2.5 V
10.5
pF
capacitance
Switch ON,
Digital input
CI
VI = V+ or GND
See Figure 16
25°C
2.5 V
2
pF
capacitance
Switch ON
Bandwidth
BW
RL = 50 Ω,
25°C
2.3 V
800
MHz
See Figure 19
RL = 50 Ω,
Switch OFF
OFF isolation
OISO
25°C
2.3 V
–40
dB
f = 200 MHz,
See Figure 20
RL = 50 Ω,
Switch ON
Crosstalk
XTALK
25°C
2.3 V
–39
dB
f = 200 MHz,
See Figure 21
Supply
Positive
25°C
–10
1
10
Switch ON or
supply
I+
VI = V+ or GND,
2.7 V
nA
OFF
Full
–350
350
current
25°C
–5
1
5
Logic supply
Switch ON or
IIO
VI = VIO or GND,
2.7 V
nA
current
OFF
Full
–200
200
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TS3DS26227


同様の部品番号 - TS3DS26227_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227_10 Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI1-TS3DS26227_14 Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
More results

同様の説明 - TS3DS26227_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227_10 Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI1-TS3DS26227_14 Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227 Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com