データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF1100 データシート(PDF) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

部品番号 BF1100
部品情報  Dual-gate MOS-FETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
ホームページ  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BF1100 データシート(HTML) 8 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BF1100_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_15 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_15 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_15 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BF1100_15 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1995 Apr 25
8
Philips Semiconductors
Product specification
Dual-gate MOS-FETs
BF1100; BF1100R
Fig.15 Gate 1 current as a function of gate 2 voltage;
typical values.
VDS =9V.
RG1 = 180 kΩ (connected to VGG).
Tj =25 °C.
handbook, halfpage
02
46
50
40
30
10
0
20
MLD167
I G1
(
µA)
V
(V)
G2 S
8 V
7 V
6 V
5 V
4 V
V
= 9 V
GG
Fig.16 Gate 1 current as a function of gate 2 voltage;
typical values.
VDS =12V.
RG1 = 250 kΩ (connected to VGG).
Tj =25 °C.
handbook, halfpage
02
46
50
40
30
10
0
20
MLD168
I G1
(
µA)
V
(V)
G2 S
11 V
10 V
9 V
8 V
7 V
V
= 12 V
GG
Fig.17 Drain current as a function of the gate 2
voltage; typical values; see Fig.27.
VDS =9V.
RG1 = 180 kΩ (connected to VGG).
Tj =25 °C.
handbook, halfpage
024
6
0
16
MLD169
12
8
4
I D
(mA)
8 V
7 V
6 V
5 V
4 V
V
= 9 V
GG
V
(V)
G2 S
VDS =12V.
RG1 = 250 kΩ (connected to VGG).
Tj =25 °C.
Fig.18 Drain current as a function of the gate 2
voltage; typical values; see Fig.27.
handbook, halfpage
024
6
0
16
MLD170
12
8
4
I D
(mA)
11 V
10 V
9 V
8 V
7 V
V
= 12 V
GG
V
(V)
G2 S


同様の部品番号 - BF1100_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF1100R PHILIPS-BF1100R Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
BF1100R NXP-BF1100R Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
BF1100WR PHILIPS-BF1100WR Datasheet
146Kb / 14P
   Dual-gate MOS-FET
1995 Apr 25
BF1100WR NXP-BF1100WR Datasheet
471Kb / 16P
   Dual-gate MOS-FET
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF1100WR JMNIC-BF1100WR_15 Datasheet
106Kb / 14P
   Dual-gate MOS-FET
More results

同様の説明 - BF1100_15

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF908 PHILIPS-BF908 Datasheet
87Kb / 8P
   Dual-gate MOS-FETs
1996 Jul 30
BF908 NXP-BF908 Datasheet
258Kb / 9P
   Dual-gate MOS-FETs
Rev. 03-14 November 2007
BF1100 PHILIPS-BF1100 Datasheet
159Kb / 14P
   Dual-gate MOS-FETs
1995 Apr 25
logo
Quanzhou Jinmei Electro...
BF908-R JMNIC-BF908-R_15 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
BF1100_2015 JMNIC-BF1100_2015 Datasheet
115Kb / 14P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1100 NXP-BF1100 Datasheet
311Kb / 15P
   Dual-gate MOS-FETs
Rev. 02-13 November 2007
logo
Quanzhou Jinmei Electro...
BF908-R_2015 JMNIC-BF908-R_2015 Datasheet
264Kb / 9P
   Dual-gate MOS-FETs
logo
NXP Semiconductors
BF1102 NXP-BF1102_00 Datasheet
133Kb / 16P
   Dual N-channel dual gate MOS-FETs
2000 Apr 11
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com