データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A21366 データシート(PDF) 2 Page - Texas Instruments

部品番号 TS5A21366
部品情報  0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A21366 データシート(HTML) 2 Page - Texas Instruments

  TS5A21366_15 Datasheet HTML 1Page - Texas Instruments TS5A21366_15 Datasheet HTML 2Page - Texas Instruments TS5A21366_15 Datasheet HTML 3Page - Texas Instruments TS5A21366_15 Datasheet HTML 4Page - Texas Instruments TS5A21366_15 Datasheet HTML 5Page - Texas Instruments TS5A21366_15 Datasheet HTML 6Page - Texas Instruments TS5A21366_15 Datasheet HTML 7Page - Texas Instruments TS5A21366_15 Datasheet HTML 8Page - Texas Instruments TS5A21366_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TS5A21366
SCDS285A – MARCH 2009 – REVISED OCTOBER 2009................................................................................................................................................. www.ti.com
SUMMARY OF CHARACTERISTICS(1)
Configuration
Single-pole, single-throw (SPST)
Number of channels
2
ON-state resistance (rON)
0.75
Ω
ON-state resistance match (
ΔrON)
0.04
Ω
ON-state resistance flatness (rON(flat))
0.15
Ω
Turn-on/turn-off time (tON/tOFF)
49 ns/243 ns
Charge injection (QC)
1.3 pC
Bandwidth (BW)
260 MHz
OFF isolation (OISO)
–62 dB at 1 MHz
Crosstalk (XTALK)
–98 dB at 1 MHz
Total harmonic distortion (THD)
0.002%
Power-supply current (I+)
7.6
µA
with VIN = 1.8 V
8-pin QFN (RSE) or VSSOP
Package option
(DCU)
(1)
V+ = 5 V, TA = 25°C
FUNCTION TABLE
NO TO COM,
IN
COM TO NO
L
OFF
H
ON
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
DCU
RSE
NAME
PIN NO.
PIN NO.
1
1
NO1
Switch 1, normally open
2
8
COM1
Switch 1, common
3
7
IN2
Switch 2, digital control pin to connect COM to NO
4
6
GND
Digital ground
5
5
NO2
Switch 2, normally open
6
4
COM2
Switch 2, common
7
3
IN1
Switch 1, digital control pin to connect COM to NO
8
2
V+
Power supply
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS5A21366


同様の部品番号 - TS5A21366_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results

同様の説明 - TS5A21366_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com