データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A26542 データシート(PDF) 3 Page - Texas Instruments

部品番号 TS5A26542
部品情報  0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A26542 データシート(HTML) 3 Page - Texas Instruments

  TS5A26542_15 Datasheet HTML 1Page - Texas Instruments TS5A26542_15 Datasheet HTML 2Page - Texas Instruments TS5A26542_15 Datasheet HTML 3Page - Texas Instruments TS5A26542_15 Datasheet HTML 4Page - Texas Instruments TS5A26542_15 Datasheet HTML 5Page - Texas Instruments TS5A26542_15 Datasheet HTML 6Page - Texas Instruments TS5A26542_15 Datasheet HTML 7Page - Texas Instruments TS5A26542_15 Datasheet HTML 8Page - Texas Instruments TS5A26542_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TS5A26542
www.ti.com
SCDS232E – JUNE 2006 – REVISED DECEMBER 2009
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(3)
–0.5
6.5
V
VIO
VNC
VNO
Analog voltage range(3) (4) (5)
–0.5
V+ + 0.5
V
VCOM
II/OK
Analog port diode current
VNO, VNC, VCOM < 0 or VNO, VNC, VCOM > V+
–50
50
mA
INC
ON-state switch current
–450
450
INO
VNO, VNC, VCOM = 0 to V+
mA
ON-state peak switch current(6)
–700
700
ICOM
VI
Digital input voltage range(3) (4)
–0.5
6.5
V
IIK
Digital input clamp current
VI < 0
–50
mA
I+
Continuous current through V+ or GND
–100
100
mA
IGND
θJA
Package thermal impedance(7)
102
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(5)
This value is limited to 5.5 V maximum.
(6)
Pulse at 1-ms duration <10% duty cycle
(7)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A26542


同様の部品番号 - TS5A26542_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results

同様の説明 - TS5A26542_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A21366 TI1-TS5A21366_14 Datasheet
1Mb / 30P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com