データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAW8LA0A データシート(PDF) 3 Page - Seoul Semiconductor

部品番号 SAW8LA0A
部品情報  Superior high Flux for High Voltage System
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEOUL [Seoul Semiconductor]
ホームページ  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8LA0A データシート(HTML) 3 Page - Seoul Semiconductor

  SAW8LA0A Datasheet HTML 1Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 2Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 3Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 4Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 5Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 6Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 7Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 8Page - Seoul Semiconductor SAW8LA0A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8LA0A - Acrich MJT 5050
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.2, Sep 24, 2015
 전기적 특성 및 광 특성 스펙 테이블
Performance Characteristics
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
40
80
mA
Forward Voltage
V
F
28.5
31
33.5
V
Luminous Flux [1]
Ф
V
[2]
136
155
-
lm
Correlated Color Temperature [3]
CCT
2,600
-
7,000
K
Color Rendering Index [4]
R
a
80
-
90
-
Viewing Angle
2
Θ
1/2
-
120
-
deg.
Power Dissipation
P
D
-
1.24
2.01
W
Junction Temperature
T
j
-
-
125
ºC
Operating Temperature
T
opr
- 40
-
+ 85
ºC
Storage Temperature
T
stg
- 40
-
+ 100
ºC
Thermal resistance (J to S) [5]
J-S
-
6.0
-
℃/W
ESD Sensitivity(HBM)
-
Class 3A JESD22-A114-E
Table 2. Characteristics, I
F=40mA , Tj=25ºC, RH30%
Notes :
[1] Acrich series maintains a tolerance of
7% on flux and power measurements.
[2]
Ф
V is the total luminous flux output as measured with an integration sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
*Color coordinate:
 0.01, CCT: 5%
[4] Tolerance is
2.0 on CRI measurements.
[5] Thermal resistance: Rth
JS (Junction to Solder)
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
Thermal resistance can be increased substantially depending on the heat sink design/operating
condition, and the maximum possible driving current will decrease accordingly.
All measurements were made under the standardized environment of Seoul Semiconductor.


同様の部品番号 - SAW8LA0A

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAW8LH0A SEOUL-SAW8LH0A Datasheet
890Kb / 23P
   Superior high Flux for High Current System
More results

同様の説明 - SAW8LA0A

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW8KG0B SEOUL-SAW8KG0B Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAWX9D0A SEOUL-SAWX9D0A Datasheet
708Kb / 20P
   Superior high Flux for High Voltage System
SAW9KG0B SEOUL-SAW9KG0B Datasheet
1Mb / 23P
   Superior high Flux for High Voltage System
SAW8FS72A SEOUL-SAW8FS72A Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
SDW03F1C SEOUL-SDW03F1C Datasheet
477Kb / 20P
   Superior high Flux for High Current System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com