データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1DFL データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 ES1DFL
部品情報  1A, 200V - 600V Surface Mount Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1DFL データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES1DFL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1DFL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1DFL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1DFL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction chip
- Ideal for automated placement
- Low profile package
- Low power loss, high efficiency
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Moisture sensitivity level: level 1, per J-STD-020
Packing code with suffix "G" means green compound (halogen-free)
Terminal: Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
ES1DFL
ES1GFL
ES1JFL
UNIT
EDF
EGF
EJF
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
IF(AV)
A
CJ
pF
trr
ns
TJ
°C
TSTG
°C
Document Number: DS_D0000120
Version: A15
8
SOD-123FL
1
30
1.00
1.30
1.70
ES1DFL - ES1JFL
1A, 200V - 600V Surface Mount Super Fast Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICALW DATA
Case:
SOD-123FL
Polarity: Indicated by cathode band
Weight: 0.016 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Maximum repetitive peak reverse voltage
PARAMETER
IR
μA
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Marking Code
Maximum reverse recovery time (Note 3)
Typical thermal resistance
RθJL
RθJA
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
°C/W
100
35
IFSM
Typical junction capacitance (Note 2)
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
Note 3: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Taiwan Semiconductor
35
85
Operating junction temperature range
Storage temperature range
Note 1: Pulse test with PW=300μs, 1% duty cycle
- 55 to +150
- 55 to +150
5
Note 2: Measured at 1 MHz and Applied VR=4.0 Volts.


同様の部品番号 - ES1DFL

メーカー部品番号データシート部品情報
logo
SUNMATE electronic Co.,...
ES1DFL SUNMATE-ES1DFL Datasheet
321Kb / 2P
   SUFACE MOUNT SUPER FAST RECTIFIER DIODE
logo
Dongguan Pingjingsemi T...
ES1DFL-PJ PJSEMI-ES1DFL-PJ Datasheet
976Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
More results

同様の説明 - ES1DFL

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1LD TSC-ES1LD Datasheet
424Kb / 7P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DF TSC-ES1DF Datasheet
311Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
   1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
ES2DF TSC-ES2DF Datasheet
362Kb / 4P
   2A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2D-T TSC-ES2D-T Datasheet
371Kb / 4P
   2A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Memory Technolog...
ES1A TMT-ES1A_16 Datasheet
366Kb / 4P
   1A, 50V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ESH1DM TSC-ESH1DM Datasheet
413Kb / 4P
   1A, 200V - 600V Surface Mount Ultrafast Rectifiers
logo
Shindengen Electric Mfg...
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
   Super Fast Recovery Rectifiers(200V 1A)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com