データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL9305IRTAANLZ-T データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL9305IRTAANLZ-T
部品情報  3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9305IRTAANLZ-T データシート(HTML) 1 Page - Intersil Corporation

  ISL9305IRTAANLZ-T Datasheet HTML 1Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 2Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 3Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 4Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 5Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 6Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 7Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 8Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
DATASHEET
3MHz Dual Step-Down Converters and Dual Low-Input
LDOs with I2C Compatible Interface
ISL9305
The ISL9305 is an integrated mini Power Management IC
(mini-PMIC) ideal for applications of powering low-voltage
microprocessor or multiple voltage rails with battery as input
sources, such as a single Li-ion or Li-Polymer. ISL9305
integrates two high-efficiency 3MHz synchronous step-down
converters (DCD1 and DCD2) and two low-input, low-dropout
linear regulators (LDO1 and LDO2).
The 3MHz PWM switching frequency allows the use of very small
external inductors and capacitors. Both step-down converters can
enter skip mode under light load conditions to further improve the
efficiency and maximize the battery life. For noise sensitive
applications, they can also be programmed through I2C interface
to operate in forced PWM mode regardless of the load current
condition. The I2C interface supports on-the-fly slew rate control of
the output voltage from 0.825V to 3.6V at 25mV/step size for
dynamic power saving. Each step-down converter can supply up to
800mA load current. The default output voltage can be set from
0.8V to VIN using external feedback resistors on the adjustable
version, or the ISL9305 can be ordered in factory pre-set voltage
options from 0.9V to 3.6V in 50mV step.
The ISL9305 also provides two 300mA low dropout (LDO)
regulators. The input voltage range is 1.5V to 5.5V allowing
them to be powered from one of the on-chip step-down
converters or directly from the battery. The default LDO
power-up output comes with factory pre-set fixed output
voltage options between 0.9V to 3.3V.
The ISL9305 is available in a 4mmx4mm 16 Ld TQFN package.
Related Literature
• ISL9305H Data Sheet
• AN1564 “ISL9305 and ISL9305H Evaluation Boards”
Features
• Dual 800mA, Synchronous Step-down Converters and Dual
300mA, General-purpose LDOs
• Input Voltage Range
- DCD1/DCD2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 5.5V
- LDO1/LDO2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5V to 5.5V
• 400kb/s I2C-bus Series Interface Transfers the Control Data
Between the Host Controller and the ISL9305
• Adjustable Output Voltage
- VODCD1/VODCD2 . . . . . . . . . . . . . . . . . . . . . . . . 0.8V to VIN
•Fixed Output I2C Programmability
- At 25mV/Step . . . . . . . . . . . . . . . . . . . . . . . . 0.825V to 3.6V
•LDO1/LDO2 Output Voltage I2C Programmability
- At 50mV/Step . . . . . . . . . . . . . . . . . . . . . . . . . . 0.9V to 3.6V
•50μA IQ (Typ) with DCD1/DCD2 in Skip Mode; 20μA IQ (Typ)
for each Enabled LDO
•On-the-fly I2C Programming of DC/DC and LDO Output
Voltages
•DCD1/DCD2 I2C Programmable Skip Mode Under Light
Load or Forced Fixed Switching Frequency PWM Mode
• Small, Thin, 4mmx4mm TQFN Package
Applications
• Cellular Phones, Smart Phones
• PDAs, Portable Media Players, Portable Instruments
• Single Li-ion/Li-Polymer Battery-Powered Equipment
•DSP Core Power
FIGURE 1. TYPICAL APPLICATION DIAGRAM
*
*
ISL9305
SDAT
VINDCD1
VINLDO1
VINLDO2
L1 = 1.5µH
SW1
FB1
SW2
FB2
VOLDO2
2.3V TO 5.5V
800mA
L2 = 1.5µH
800mA
1.5V TO 5.5V
1.5V TO 5.5V
GNDDCD1
300mA
300mA
C3
R1
R2
R3
R4
GNDDCD2
SCLK
VOLDO1
GNDLDO
PG
VINDCD2
*Only for adjustable output version. For fixed output version, directly
connect the FB pin to the output of the buck converter.
1µF
C2
1µF
C10
10µF
C7
1µF
C6
1µF
C5
4.7µF
C4
4.7µF
February 9, 2015
FN7605.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2010, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL9305IRTAANLZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
logo
Renesas Technology Corp
ISL9305IRTAANLZ-T RENESAS-ISL9305IRTAANLZ-T Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results

同様の説明 - ISL9305IRTAANLZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com