データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL9305IRTAANLZ-T データシート(PDF) 12 Page - Intersil Corporation

部品番号 ISL9305IRTAANLZ-T
部品情報  3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9305IRTAANLZ-T データシート(HTML) 12 Page - Intersil Corporation

Back Button ISL9305IRTAANLZ-T Datasheet HTML 8Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 9Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 10Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 11Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 12Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 13Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 14Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 15Page - Intersil Corporation ISL9305IRTAANLZ-T Datasheet HTML 16Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ISL9305
12
FN7605.2
February 9, 2015
Submit Document Feedback
SYSTEM CONTROL REGISTER
SYS_PARAMETER, address 0x05h
DCD OUTPUT VOLTAGE SLEW RATE CONTROL
REGISTER
DCD_SRCTL, address 0x06h
TABLE 7. SYS_PARAMETER REGISTER
BIT
NAME
ACCESS
RESET
DESCRIPTION
B7
-
-
0
Reserved
B6
I2C_EN
R/W
0
I2C function enable.
0-disabled; 1-enabled
B5
DCDPOR_1
R/W
1
DCDPOR Delay Time Setting,
DCDPOR[1:0]:
00 to 1ms
01 to 50ms
10 to 150ms
11 to 200m
B4
DCDPOR_0
R/W
0
B3
LDO2_EN
R/W
1
LDO2 enable selection.
0-disable, 1-enable.
B2
LDO1_EN
R/W
1
LDO1 enable selection.
0-disable, 1-enable
B1
DCD2_EN
R/W
1
DCD2 enable selection.
0-disable, 1-enable.
B0
DCD1_EN
R/W
1
DCD1 enable selection.
0-disable, 1-enable
TABLE 8.
BIT
NAME
ACCESS
RESET
DESCRIPTION
B7
DCD2SR_2
R/W
0
DCD2 Slew Rate Setting,
DCD2SR[2:0]:
000 to 0.225mV/µs
001 to 0.45mV/µs
010 to 0.90mV/µs
011 to 1.8mV/µs
100 to 3.6mV/µs
101 to 7.2mV/µs
110 to 14.4mV/µs
111 to 28.8mV/µs
B6
DCD2SR_1
R/W
0
B5
DCD2SR_0
R/W
1
B4
Reserve
-
0
Reserved
B3
DCD1SR_2
R/W
0
DCD1 Slew Rate Setting,
DCD1SR[2:0]:
000 to 0.225mV/µs
001 to 0.45mV/µs
010 to 0.90mV/µs
011 to 1.8mV/µs
100 to 3.6mV/µs
101 to 7.2mV/µs
110 to 14.4mV/µs
111 to 28.8mV/µs
B2
DCD1SR_1
R/W
0
B1
DCD1SR_0
R/W
1
B0
Reserve
-
0
Reserved


同様の部品番号 - ISL9305IRTAANLZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
logo
Renesas Technology Corp
ISL9305IRTAANLZ-T RENESAS-ISL9305IRTAANLZ-T Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results

同様の説明 - ISL9305IRTAANLZ-T

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305H INTERSIL-ISL9305H Datasheet
656Kb / 16P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com