データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28110FBZ データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL28110FBZ
部品情報  Precision Low Noise JFET Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28110FBZ データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL28110FBZ Datasheet HTML 2Page - Intersil Corporation ISL28110FBZ Datasheet HTML 3Page - Intersil Corporation ISL28110FBZ Datasheet HTML 4Page - Intersil Corporation ISL28110FBZ Datasheet HTML 5Page - Intersil Corporation ISL28110FBZ Datasheet HTML 6Page - Intersil Corporation ISL28110FBZ Datasheet HTML 7Page - Intersil Corporation ISL28110FBZ Datasheet HTML 8Page - Intersil Corporation ISL28110FBZ Datasheet HTML 9Page - Intersil Corporation ISL28110FBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ISL28110, ISL28210
6
FN6639.3
November 29, 2012
Electrical Specifications V
S = ±15V, VCM = 0, VO = 0V, TA = +25°C, unless otherwise noted. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
INPUT CHARACTERISTICS
VOS
Input Offset Voltage
-300
300
µV
-40°C < TA < +125°C
-1300
1300
µV
TCVOS
Input Offset Voltage Temperature
Coefficient (Grade C)
-40°C < TA < +125°C
1
10
µV/°C
IB
Input Bias Current
ISL28110
4.5
±2
4.5
pA
-40°C < TA < +60°C
-25
25
pA
-40°C < TA < +85°C
-85
85
pA
-40°C < TA < +125°C
-950
950
pA
IB
Input Bias Current
ISL28210
5
±2
5
pA
-40°C < TA < +60°C
-350
350
pA
-40°C < TA < +85°C
-700
700
pA
-40°C < TA < +125°C
-3600
3600
pA
IOS
Input Offset Current
ISL28110
-2.5
±0.5
2.5
pA
-40°C < TA < +60°C
-25
25
pA
-40°C < TA < +85°C
-85
85
pA
-40°C < TA < +125°C
-650
650
pA
IOS
Input Offset Current
ISL28210
-2.5
±0.5
2.5
pA
-40°C < TA < +60°C
-285
285
pA
-40°C < TA < +85°C
-445
445
pA
-40°C < TA < +125°C
-2000
2000
pA
CIN-DIFF
Differential Input Capacitance
8.3
pF
CIN-CM
Common Mode Input Capacitance
11.8
pF
RIN-DIFF
Differential Input Resistance
530
G
Ω
RIN-CM
Common Mode Input Resistance
560
G
Ω
VCMIR
Common Mode Input Voltage Range
Guaranteed by CMRR test
V- +1.5
V+ -1.5
V
CMRR
Common Mode Rejection Ratio
VCM = -13.5V to +13.5V
80
100
dB
AVOL
Open-loop Gain
RL = 10kΩ to ground
VO = -12.5V to +12.5V
107
109
dB
-40°C < TA < +125°C
106
dB
DYNAMIC PERFORMANCE
GBWP
Gain-bandwidth Product
G = 100, RL = 100kΩ, CL = 4pF
11
12.5
MHz
SR
Slew Rate, VOUT 20% to 80%
G = -1, RL = 2kΩ, 10V Step
20
V/µs
THD+N
Total Harmonic Distortion + Noise
G = 1, f = 1kHz,
10VP-P, RL = 2kΩ
0.00025
%
G = 1, f = 1kHz,
10VP-P, RL = 600Ω
0.0003
%
ts
Settling Time to 0.1%
10V Step; 10% to VOUT
AV = 1, VOUT = 10VP-P, RL =2kΩ to VCM
1.3
µs
Settling Time to 0.01%
10V Step; 10% to VOUT
AV = 1, VOUT = 10VP-P, RL =2kΩ to VCM
1.6
µs


同様の部品番号 - ISL28110FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
803Kb / 19P
   Precision Low Noise JFET Operational Amplifiers
ISL28110FBZ INTERSIL-ISL28110FBZ Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
logo
Renesas Technology Corp
ISL28110FBZ RENESAS-ISL28110FBZ Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
More results

同様の説明 - ISL28110FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28110 INTERSIL-ISL28110 Datasheet
803Kb / 19P
   Precision Low Noise JFET Operational Amplifiers
logo
Renesas Technology Corp
ISL28110 RENESAS-ISL28110 Datasheet
1Mb / 23P
   Precision Low Noise JFET Operational Amplifiers
logo
Intersil Corporation
ISL28110_1012 INTERSIL-ISL28110_1012 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
ISL28110 INTERSIL-ISL28110_11 Datasheet
1Mb / 25P
   Precision Low Noise JFET Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL071 TI-TL071_10 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL072CDT STMICROELECTRONICS-TL072CDT Datasheet
323Kb / 16P
   Low noise JFET dual operational amplifiers
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com