データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28325FBZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL28325FBZ
部品情報  40V Low Power Dual and Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28325FBZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL28325FBZ Datasheet HTML 2Page - Intersil Corporation ISL28325FBZ Datasheet HTML 3Page - Intersil Corporation ISL28325FBZ Datasheet HTML 4Page - Intersil Corporation ISL28325FBZ Datasheet HTML 5Page - Intersil Corporation ISL28325FBZ Datasheet HTML 6Page - Intersil Corporation ISL28325FBZ Datasheet HTML 7Page - Intersil Corporation ISL28325FBZ Datasheet HTML 8Page - Intersil Corporation ISL28325FBZ Datasheet HTML 9Page - Intersil Corporation ISL28325FBZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ISL28325, ISL28345
9
September 27, 2011
FN7854.0
Package Outline Drawing
M8.118B
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE
Rev 0, 7/11
DETAIL "X"
SIDE VIEW 2
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
PIN# 1 ID
0.23 - 0.36mm
DETAIL "X"
0.10 ± 0.05mm
(4.40)
(3.00)
(5.80)
H
C
1.10 MAX
3°±3°
GAUGE
PLANE
0.25
0.95 REF
0.53 ± 0.10mm
B
3.0±0.10mm
12
8
0.86±0.05mm
SEATING PLANE
A
0.65mm BSC
3.0±0.10mm
(0.40)
(1.40)
(0.65)
D
5
5
0.15 - 0.05mm
SIDE VIEW 1
0.08
C A-B D
M
0.10 C
Dimensioning and tolerancing conform to JEDEC MO-187-AA
Plastic interlead protrusions of 0.15mm max per side are not
Dimensions in ( ) are for reference only.
Dimensions are measured at Datum Plane "H".
Plastic or metal protrusions of 0.15mm max per side are not
Dimensions are in millimeters.
3.
4.
5.
6.
NOTES:
1.
2.
and AMSEY14.5m-1994.
included.
included.
4.9±0.20mm


同様の部品番号 - ISL28325FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
logo
Renesas Technology Corp
ISL28325FBZ RENESAS-ISL28325FBZ Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
More results

同様の説明 - ISL28325FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325 INTERSIL-ISL28325 Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Renesas Technology Corp
ISL28325 RENESAS-ISL28325 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com