データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28006FH-ADJEVAL1Z データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL28006FH-ADJEVAL1Z
部品情報  Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28006FH-ADJEVAL1Z データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL28006FH-ADJEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL28006FH-ADJEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL28006FH-ADJEVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL28006FH-ADJEVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL28006FH-ADJEVAL1Z Datasheet HTML 11Page - Intersil Corporation ISL28006FH-ADJEVAL1Z Datasheet HTML 12Page - Intersil Corporation ISL28006FH-ADJEVAL1Z Datasheet HTML 13Page - Intersil Corporation ISL28006FH-ADJEVAL1Z Datasheet HTML 14Page - Intersil Corporation ISL28006FH-ADJEVAL1Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ISL28006
11
FN6548.6
November 22, 2013
FIGURE 27. VOS vs VCC, VRS+ = VRS+ = 0.1V
FIGURE 28. GAIN ACCURACY vs VRS+ = 0V TO 28V
FIGURE 29. GAIN ACCURACY vs VRS+ = 0V TO 2V
FIGURE 30. GAIN ACCURACY vs VCC, HIGH-SIDE
FIGURE 31. GAIN ACCURACY vs VCC, LOW-SIDE
FIGURE 32. NORMALIZED VOA vs IOUT
Typical Performance Curves V
CC = 12V, RL = 1MΩ, unless otherwise specified. (Continued)
-3000
-2000
-1000
0
1000
2000
3000
2
4
6
8
10 12 14 16 18 20 22 24 26 28
VCC (V)
+125°C
+100°C
+25°C
-40°C
GAIN 50
VSENSE = 2mV, 0mV
+100°C
+25°C
-40°C
+125°C
0246
8 10 12 14 16 18 20 22 24 26 28
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
VRS+ (V)
GAIN 50
VSENSE = 20mV, 100mV
VRS+ (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
+100°C
+25°C
-40°C
+125°C
GAIN 50
VSENSE = 20mV, 100mV
VCC (V)
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
2
4
6
8
1012 14 1618 2022 2426 28
+100°C
+25°C
-40°C
+125°C
GAIN 50
VSENSE = 2mV, 20mV
VCC (V)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
2
4
6
8
10 12 14 16 18 20 22 24 26 28
+125°C
+25°C
-40°C
+100°C
GAIN 50
VSENSE = 2mV, 20mV
10µ
100µ
1m
10m
IOUT(A)
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
+100°C
+25°C
-40°C
+125°C
GAIN 50


同様の部品番号 - ISL28006FH-ADJEVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28006FH-ADJEVAL1Z INTERSIL-ISL28006FH-ADJEVAL1Z Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
ISL28006FH-ADJEVAL1Z INTERSIL-ISL28006FH-ADJEVAL1Z Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28006FH-ADJEVAL1Z INTERSIL-ISL28006FH-ADJEVAL1Z Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Renesas Technology Corp
ISL28006FH-ADJEVAL1Z RENESAS-ISL28006FH-ADJEVAL1Z Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
More results

同様の説明 - ISL28006FH-ADJEVAL1Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL28006 RENESAS-ISL28006 Datasheet
1Mb / 26P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_10 Datasheet
756Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006_10 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005FH100Z-T7 INTERSIL-ISL28005FH100Z-T7 Datasheet
762Kb / 15P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
October 24, 2013
logo
Renesas Technology Corp
ISL28005 RENESAS-ISL28005 Datasheet
1Mb / 16P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005 Datasheet
751Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier with Voltage Output
ISL28006 INTERSIL-ISL28006 Datasheet
1Mb / 25P
   Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
   Micropower, Rail-to-Rail Input Current Sense Amplifier
ISL28006 INTERSIL-ISL28006_11 Datasheet
1Mb / 24P
   Micropower, Rail to Rail Input Current Sense Amplifier
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com