データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28345FBZ データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL28345FBZ
部品情報  40V Low Power Dual and Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28345FBZ データシート(HTML) 2 Page - Intersil Corporation

  ISL28345FBZ Datasheet HTML 1Page - Intersil Corporation ISL28345FBZ Datasheet HTML 2Page - Intersil Corporation ISL28345FBZ Datasheet HTML 3Page - Intersil Corporation ISL28345FBZ Datasheet HTML 4Page - Intersil Corporation ISL28345FBZ Datasheet HTML 5Page - Intersil Corporation ISL28345FBZ Datasheet HTML 6Page - Intersil Corporation ISL28345FBZ Datasheet HTML 7Page - Intersil Corporation ISL28345FBZ Datasheet HTML 8Page - Intersil Corporation ISL28345FBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ISL28325, ISL28345
2
September 27, 2011
FN7854.0
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL28325FBZ
28325 FBZ
-40 to +125
8 Ld SOIC
M8.15E
ISL28325FUZ
8325Z
-40 to +125
8 Ld MSOP
M8.118B
ISL28345FBZ
28345 FBZ
-40 to +125
14 Ld SOIC
MDP0027
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28325, ISL28345. For more information on MSL please see techbrief
TB363.
Pin Configurations
ISL28325
(8 LD SOIC, MSOP)
TOP VIEW
ISL28345
(14 LD SOIC)
TOP VIEW
VOUT_A
-IN_A
+IN_A
V -
1
2
3
4
8
7
6
5
V+
VOUT_B
-IN_B
+IN_B
+
-
+-
-+
-
+
-+
-
+
BC
AD
VOUT_A
-IN_A
+IN_A
V +
1
2
3
4
5
6
7
10
9
8
11
12
13
14
+IN_B
-IN_B
VOUT_B
V -
+IN_C
-IN_C
VOUT_C
VOUT_D
-IN_D
+IN_D


同様の部品番号 - ISL28345FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28345FBZ INTERSIL-ISL28345FBZ Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
ISL28345FBZ INTERSIL-ISL28345FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
logo
Renesas Technology Corp
ISL28345FBZ RENESAS-ISL28345FBZ Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
More results

同様の説明 - ISL28345FBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325 INTERSIL-ISL28325 Datasheet
496Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Renesas Technology Corp
ISL28325 RENESAS-ISL28325 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com