データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1533AIRZ-T13 データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL1533AIRZ-T13
部品情報  Dual Channel Differential DSL Line Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1533AIRZ-T13 データシート(HTML) 1 Page - Intersil Corporation

  ISL1533AIRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1533AIRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Dual Channel Differential DSL Line Driver
ISL1533A
The ISL1533A is a dual channel differential amplifier designed
for driving high crest factor signals at very low distortion levels.
The high drive capability of 450mA makes this driver ideal for
DMT designs. It contains two pairs of wideband, high-voltage,
current mode feedback amplifiers designed on Intersil’s HS30
Bipolar SOI process for low power consumption in Asymmetric
Digital Subscriber Line (ADSL) and Power Line Communications
(PLC) systems. This process also provides for very rugged
protection against lightning induced surges on the line.
The supply current can be set using a resistor on the IADJ pin.
Pins (C0 and C1) can also be used to adjust supply current to
one of four preset modes (full-IS, 3/4-IS, 1/2-IS, and full
power-down). The ISL1533A integrates 50k pull-up resistors on
C0 and C1 pins to initially disable the device.
The ISL1533A operates on ±5V to ±15V supplies or single
supply up to 30V and retains its bandwidth and linearity over
the complete full scale supply range.
The device is supplied in a thermally-enhanced small footprint
(4mmx5mm) 24 Ld QFN package. The ISL1533A is specified
for operation over the full -40°C to +85°C temperature range.
Features
• 450mA output drive capability
• 44.4VP-P differential output drive into 100
• ±5V to ±15V or single supply to 30V operation
• Operates down to supply current of 4mA per port
• Current control pins
• Channel separation
- 80dB at 500kHz
• Pb-free (RoHS compliant)
Applications
• Dual port ADSL2+ line drivers
• Power Line Communications (PLC)
-
+
-
+
TXFR 1:1
25
25
RF
RF
667
100
RT
RT
VS-
VS+
VS-
VS+
3k
3k
2RG
TX+
TX-
FROM AFE
0.22µF
0.22µF
FIGURE 1. TYPICAL APPLICATION CIRCUIT
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
May 9, 2014
FN8648.0


同様の部品番号 - ISL1533AIRZ-T13

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1533AIRZ-T13 RENESAS-ISL1533AIRZ-T13 Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
More results

同様の説明 - ISL1533AIRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
logo
Renesas Technology Corp
ISL1533A RENESAS-ISL1533A Datasheet
1Mb / 16P
   Dual Channel Differential DSL Line Driver
Jan 31, 2019
ISL1532 RENESAS-ISL1532 Datasheet
1Mb / 21P
   Dual Channel Differential DSL Line Driver
May 1, 2015
logo
Intersil Corporation
EL1528 INTERSIL-EL1528 Datasheet
130Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533 INTERSIL-ISL1533 Datasheet
106Kb / 2P
   Dual Channel Differential DSL Line Driver
October 12, 2015
ISL1540 INTERSIL-ISL1540 Datasheet
60Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1541 INTERSIL-ISL1541_06 Datasheet
59Kb / 2P
   -52V Dual Channel Differential DSL Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com