データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1561IRZ-T13 データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISL1561IRZ-T13
部品情報  Fixed Gain Dual Port Class-G Differential xDSL Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ-T13 データシート(HTML) 3 Page - Intersil Corporation

  ISL1561IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL1561
3
FN7941.1
February 26, 2013
FIGURE 3. CONNECTION DIAGRAM
5.1
Ω
3.5k
Ω
Rf
VSP
+
-
AFE
3.5k
Ω
Rf
+
-
Rg
GND
¼
ISL1561
¼
ISL1561
5.1
Ω
100
Ω
LINE
1:1.4
TYPICAL DIFFERENTIAL I/O LINE DRIVER (1 OF 2 PORTS)
Rp
Rp
Rc
VCM
+VSP
Rc
FB
FB
OUT
OUT
INP
INP
ISP
ADJUST
LOGIC
SPI
ISP PORT
CONTROL
OUTPUT
POSITIVE
SUPPLY
OUTPUT
NEGATIVE
SUPPLY
CLASS G
CONTROL
BOOST
CONTROL
POWER
CONTROL
CMSW
CMM
POWER
CONTROL
CPSW
CPP
0.1µF
0.1µF
0.1µF
1µF
1µF
100k
Ω
100k
Ω
733
Ω
1.33k
Ω
1.33k
Ω
1.78k
Ω
1.78k
Ω
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
OPERATING AMBIENT
TEMP RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL1561IRZ
15 61IRZ
-40 to +85
24 Ld QFN
L24.4x4H
ISL1561IRZ-T13 (Note 1)
15 61IRZ
-40 to +85
24 Ld QFN
L24.4x4H
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL1561. For more information on MSL please see tech brief TB363.


同様の部品番号 - ISL1561IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   3 pin serial port interface
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

同様の説明 - ISL1561IRZ-T13

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Texas Instruments
THS6184 TI1-THS6184_16 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com