データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1561IRZ-T13 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL1561IRZ-T13
部品情報  Fixed Gain Dual Port Class-G Differential xDSL Line Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ-T13 データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL1561IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ISL1561
6
FN7941.1
February 26, 2013
Typical Performance Curves V
CC = +14V, Rb = 5.1Ω, Gain at the Load = 11.6V/V (Differential), RLOAD = 51Ω,
TA = +25°C, Unless otherwise noted.
FIGURE 4. SMALL SIGNAL FREQUENCY RESPONSE vs BIAS CURRENT
FIGURE 5. LARGE SIGNAL FREQUENCY RESPONSE
FIGURE 6. SMALL SIGNAL FREQUENCY RESPONSE vs CLOAD
FIGURE 7. COMMON MODE SMALL SIGNAL RESPONSE vs BIAS
CURRENT
FIGURE 8. POWER CONSUMPTION vs LINE POWER
FIGURE 9. VDSL2+ 8b Avg. MBPR US1 vs LINE POWER
-9
-6
-3
0
3
6
9
1M
10M
100M
1G
FREQUENCY (Hz)
VO = 0.5VP-P
8mA/PORT
10mA/PORT
12mA/PORT
14mA/PORT
-9
-6
-3
0
3
6
9
10mA/PORT
1M
10M
100M
1G
FREQUENCY (Hz)
VO = 1VP-P
VO = 2VP-P
VO = 5VP-P
VO = 10VP-P
-6
-3
0
3
6
9
10mA/PORT
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 5.6pF
CL = 15pF
CL = 27pF
CL = 39pF
-9
-6
-3
0
3
6
9
100k
1M
10M
100M
FREQUENCY (Hz)
VO = 0.5VP-P
8mA/PORT
10mA/PORT
12mA/PORT
14mA/PORT
200
300
400
500
600
700
8
10
12
14
16
18
20
LINE POWER (dBm)
8MHz PROFILE (10mA/PORT)
17MHz (12mA/PORT)
ADSL2 SMARTG (8mA/PORT)
0
100
200
300
400
500
600
700
-80
-75
-70
-65
-60
-55
-50
10
11
12
13
14
15
16
17
18
19
20
CF = 6.56V/V
MBPR (dBc)
Pd (mW)
LINE POWER (dBm)


同様の部品番号 - ISL1561IRZ-T13

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   3 pin serial port interface
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

同様の説明 - ISL1561IRZ-T13

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1561 RENESAS-ISL1561 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Texas Instruments
THS6184 TI1-THS6184_16 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
THS6184 TI-THS6184 Datasheet
86Kb / 4P
[Old version datasheet]   DUAL-PORT, LOW-POWER DIFFERENTIAL xDSL LINE DRIVER AMPLIFIERS
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1534IRZ INTERSIL-ISL1534IRZ Datasheet
94Kb / 1P
   Dual Channel Fixed Gain Differential DSL Line Driver
October 12, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com