データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24201IRTZ-EVALZ データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL24201IRTZ-EVALZ
部品情報  Programmable VCOM Calibrator with EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24201IRTZ-EVALZ データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL24201IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL24201IRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ISL24201
8
FN7586.1
December 9, 2010
Table 1 shows the calculated results of the VCOM voltage with
these values.
Figure 6 is used to find the minimum saturation voltage for an
IOUT maximum of 100µA, which is about 0.3V. The minimum
VOUT is 6.5V, which also meets the minimum VOUT - VSET
requirements specified in Equation 14:
OUT Pin Leakage Current
When the voltage on the OUT pin is greater than 10V, there is a
leakage current flowing into the pin in addition to the ISET
current. Figure 9 shows the ISET current and the OUT pin current
for OUT pin voltage up to 19V. In applications where the voltage
on the OUT pin will be greater than 10V, the actual output voltage
will be lower than the voltage calculated by Equation 6. The
graph in Figure 9 was measured with RSET = 4.99kΩ.
Power Supply Sequence
The recommended power supply sequencing is shown in
Figure 10. When applying power, VDD should be applied before or
at the same time as AVDD. The minimum time for tVS is 0µs.
When removing power, the sequence of VDD and AVDD is not
important.
Do not remove VDD or AVDD within 100ms of the start of the
EEPROM programming cycle. Removing power before the
EEPROM programming cycle is completed may result in
corrupted data in the EEPROM.
Operating and Programming
Supply Voltage and Current
To program the EEPROM, AVDD must be ≥10.8V. If programming
is not required, the ISL24201 will operate over an AVDD range of
4.5V to 19V.
During EEPROM programming, IDD and IAVDD will temporarily be
higher than their quiescent currents. Figure 11 shows a typical
IDD and IAVDD current profile during EEPROM programming. The
current pulses are Erase and Write cycles. The EEPROM
programming algorithm is shown in Figure 12. The algorithm
allows up to 4 erase cycles and 4 programming cycles, however
typical parts only require 1 cycle of each, sometimes 2 when
AVDD is near the minimum 10.8V limit.
TABLE 1. EXAMPLE VOUT vs REGISTER VALUE
REGISTER VALUE
VOUT (V)
08.49
20
8.34
40
8.18
60
8.02
80
7.87
100
7.71
120
7.55
127
7.50
140
7.40
160
7.24
180
7.09
200
6.93
220
6.77
240
6.62
255
6.50
VOUTMIN
6.5V
15V
20
----------
>
0.3V
+
1.05V
==
(EQ. 14)
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
OUT PinVoltage(V)
OUT and SET Pin Current vs. OUT Pin Voltage
Register = 255
OUT Pin Current
SET Pin Current
FIGURE 9. OUT PIN LEAKAGE CURRENT
VDD
AVDD
tVS
FIGURE 10. POWER SUPPLY SEQUENCE


同様の部品番号 - ISL24201IRTZ-EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24201IRTZ-EVALZ INTERSIL-ISL24201IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM Pb-free (RoHS-compliant)
logo
Renesas Technology Corp
ISL24201IRTZ-EVALZ RENESAS-ISL24201IRTZ-EVALZ Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results

同様の説明 - ISL24201IRTZ-EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
   EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
MAX8738 MAXIM-MAX8738 Datasheet
283Kb / 13P
   EEPROM-Programmable TFT VCOM Calibrator with I2C Interface
Rev 0; 3/05
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com