データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL24212IRTZ-EVALZ データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL24212IRTZ-EVALZ
部品情報  Programmable VCOM Calibrator with EEPROM and Output Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24212IRTZ-EVALZ データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL24212IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 11Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ISL24212
10
FN7590.0
March 15, 2011
Up/Down Counter Waveforms
The operation modes of the ISL24212 is shown in Table 2.
Figure 11 shows the associated waveforms.
TABLE 2.
ISL 24212 OPERATION MODES
INPUT
OUTPUT
CTL
CE
COUNTER
VCOM_OUT
EEPROM
XLo
No Change
X
Lo to Hi
Ignore first CTL pulse
No Change
Hi to Mid
Hi
Decrement
Increase
No Change
Lo to Mid
Hi
Increment
Decrease
No Change
Mid to >4.9V
Hi
No Change
No Change
Write Counter
Value to EEPROM
>4.9V to Mid
Hi
Ignore next CTL Pulse
No Change
XHi to Lo
EEPROM
Read Value
Programmed
Value
No Change
CTL VDD/2
CTL LOW
CTL HIGH
CE
78
79
7A
7B
7A
COUNTER
OUTPUT
tL_MIN
tMTC
tH_REJ
FIGURE 11. COUNTER INTERFACE TIMING DIAGRAM
VCOM
tST
FIRST PULSE AFTER
ASSERTING CE IS
AFTER COUNTER ENABLE IS ASSERTED,
THE FIRST CTL PULSE IS IGNORED
EXAMPLE POST POWER-UP TIMING
NOTE:
ENABLE ADJUSTMENT
AVDD
VDD
7B
DEASSERTING CE
FROM EEPROM
ASSUME COUNTER
STARTS WITH VALUE 78
VPROG = 4.9V
tPROG
tH_MIN
7A
tL_PROP
tH_PROP
RELOADS 7B
FIRST PULSE AFTER
PROGRAMMING IS
WRITE 7B TO
EEPROM
DISABLE ADJUSTMENT
ENABLE ADJUSTMENT
tREAD
tL_REJ
IGNORED
IGNORED


同様の部品番号 - ISL24212IRTZ-EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL24212IRTZ-EVALZ INTERSIL-ISL24212IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24212IRTZ-EVALZ RENESAS-ISL24212IRTZ-EVALZ Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results

同様の説明 - ISL24212IRTZ-EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com