データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL28430CBZ データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL28430CBZ
部品情報  Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28430CBZ データシート(HTML) 4 Page - Intersil Corporation

  ISL28430CBZ Datasheet HTML 1Page - Intersil Corporation ISL28430CBZ Datasheet HTML 2Page - Intersil Corporation ISL28430CBZ Datasheet HTML 3Page - Intersil Corporation ISL28430CBZ Datasheet HTML 4Page - Intersil Corporation ISL28430CBZ Datasheet HTML 5Page - Intersil Corporation ISL28430CBZ Datasheet HTML 6Page - Intersil Corporation ISL28430CBZ Datasheet HTML 7Page - Intersil Corporation ISL28430CBZ Datasheet HTML 8Page - Intersil Corporation ISL28430CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ISL28130, ISL28230, ISL28430
4
FN7623.7
February 13, 2014
Pin Descriptions
ISL28130
(5 Ld SOT-23)
ISL28130
(8 Ld SOIC)
ISL28130
(5 LD SC-70)
ISL28230
(8 Ld MSOP,
SOIC, DFN)
ISL28430
(14 Ld
TSSOP, SOIC)
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
33
1
3
5
-
-
3
5
10
12
IN+
IN+_A
IN+_B
IN+_C
IN+_D
Non-inverting input
Circuit 1
2
4
2
4
11
V-
Negative supply
42
3
2
6
-
-
2
6
9
13
IN-
IN-_A
IN-_B
IN-_C
IN-_D
Inverting input
(See “Circuit 1”)
16
4
1
7
-
-
1
7
8
14
OUT
OUT_A
OUT_B
OUT_C
OUT_D
Output
Circuit 2
5
7
5
8
4
V+
Positive supply
-
1, 5, 8
-
-
-
NC
Not Connected – This pin is not electrically connected internally.
-
-
-
PAD
-
Paddle
Thermal Pad.
Connect to most
negative supply.
DFN packages only.
IN+
V+
IN-
V-
+
-
V+
V-
OUT


同様の部品番号 - ISL28430CBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28430CBZ INTERSIL-ISL28430CBZ Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28430CBZ INTERSIL-ISL28430CBZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28430CBZ RENESAS-ISL28430CBZ Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28430CBZ-T7 INTERSIL-ISL28430CBZ-T7 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28430CBZ-T7A INTERSIL-ISL28430CBZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

同様の説明 - ISL28430CBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com