データシートサーチシステム |
|
2SC2235G-X-T9N-B データシート(PDF) 3 Page - Unisonic Technologies |
|
2SC2235G-X-T9N-B データシート(HTML) 3 Page - Unisonic Technologies |
3 / 4 page 2SC2235 NPN SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 3 of 4 www.unisonic.com.tw QW-R211-012.C TYPICAL CHARACTERISTICS DC Current Gain vs. Collector Current Collector Current, Ic (mA) 3 10 30 100 10 30 50 100 300 300 1000 500 1000 Collector Current vs. Collector Emitter Voltage Collector Emitter Voltage, VCE (V) 0 24 0 200 400 8 6 600 1000 800 10 12 14 Common Emitter TA=25°C 0 2 IB=1mA 3 4 5 7 10 15 TA=100°C TA=-25°C TA=25°C Common Emitter VCE=5V Collector Emitter Saturation Voltage vs. Collector Current Collector Current, Ic (mA) 310 30 100 0.01 0.03 0.05 0.1 0.3 300 1000 0.5 TA=100°C TA=25°C TA=-25°C Common Emitter Ic/IB =10 Collector Current vs. Base Emitter Voltage Base Emitter Voltage, VBE (V) 00.2 0.4 0 200 400 0.8 0.6 600 800 1.0 1.2 Common Emitter VCE=5V Safe Operating Area Collector Emitter Voltage, VCE (V) 0.5 1 3 10 1 3 5 10 300 30 50 500 1000 5 100 300 5001000 30 50 100 3000 1ms * 10ms * Ic Max.(Pulse) * Ic Max. (Continous) DC Operation *Single Nonrepetitive Pulse TA=25°C Curve must be derated linearly with increase in temperature Collector Power Dissipaton vs. Ambient Temperature Ambient Temperature, TA (°C) 020 40 0 200 400 80 60 600 1000 800 100 120 140 160 TA=100°C TA=25°C TA=-25°C |
同様の部品番号 - 2SC2235G-X-T9N-B |
|
同様の説明 - 2SC2235G-X-T9N-B |