データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC548 データシート(PDF) 1 Page - Unisonic Technologies

部品番号 BC548
部品情報  SWITCHING AND AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC548 データシート(HTML) 1 Page - Unisonic Technologies

  BC548_15 Datasheet HTML 1Page - Unisonic Technologies BC548_15 Datasheet HTML 2Page - Unisonic Technologies BC548_15 Datasheet HTML 3Page - Unisonic Technologies BC548_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BC546/547/548
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., LTD
QW-R201-037.D
SWITCHING AND AMPLIFIER
APPLICATIONS
FEATURES
* High Voltage: UTC BC546, VCEO=65V
UTC BC547
, VCEO=45V
UTC BC548
, VCEO=30V
TO-92
1
ORDERING INFORMATION
Order Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BC546L-x-T92-B
BC546G-x-T92-B
TO-92
C
B
E
Tape Box
BC546L-x-T92-K
BC546G-x-T92-K
TO-92
C
B
E
Bulk
BC547L-x-T92-B
BC547G-x-T92-B
TO-92
C
B
E
Tape Box
BC547L-x-T92-K
BC547G-x-T92-K
TO-92
C
B
E
Bulk
BC548L-x-T92-B
BC548G-x-T92-B
TO-92
C
B
E
Tape Box
BC548L-x-T92-K
BC548G-x-T92-K
TO-92
C
B
E
Bulk
Note: Pin Assignment: C: Collector
B: Base
E: Emitter
BC546L-x-T92-B
(1)Packing Type
(2)Package Type
(3)Rank
(4)Halogen Free
(1) B: Tape Box, K: Bulk
(2) T92: TO-92
(3) x: refer to CLASSIFICATION OF hFE
(4) L: Lead Free, G: Halogen Free
MARKING
BC546
BC547
BC548


同様の部品番号 - BC548_15

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BC548/549 FAIRCHILD-BC548/549 Datasheet
50Kb / 4P
   Switching and Applications
BC548/549 FAIRCHILD-BC548/549 Datasheet
55Kb / 4P
   Switching and Applications
logo
Weitron Technology
BC548A WEITRON-BC548A Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
Micro Commercial Compon...
BC548A MCC-BC548A Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
Motorola, Inc
BC548A MOTOROLA-BC548A Datasheet
193Kb / 6P
   Amplifier Transistors
More results

同様の説明 - BC548_15

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
BC846 UTC-BC846 Datasheet
54Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC848 UTC-BC848_15 Datasheet
215Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC327 UTC-BC327_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC328 UTC-BC328_15 Datasheet
208Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC558 UTC-BC558_15 Datasheet
396Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC846 UTC-BC846_11 Datasheet
253Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATION
BC858 UTC-BC858_15 Datasheet
120Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
BC338 UTC-BC338_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC337 UTC-BC337_15 Datasheet
177Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATION
BC808 UTC-BC808_15 Datasheet
197Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATION
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com