データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

X1049AL-T92-B データシート(PDF) 2 Page - Unisonic Technologies

部品番号 X1049AL-T92-B
部品情報  HIGH GAIN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X1049AL-T92-B データシート(HTML) 2 Page - Unisonic Technologies

  X1049AL-T92-B Datasheet HTML 1Page - Unisonic Technologies X1049AL-T92-B Datasheet HTML 2Page - Unisonic Technologies X1049AL-T92-B Datasheet HTML 3Page - Unisonic Technologies X1049AL-T92-B Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
X1049A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R201-061.E
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
DC
IC
4
A
Pulse
20
A
Base Current
IB
500
mA
Power Dissipation (TA=25°C)
TO-220F
PD
2
W
TO-220F2
2.1
TO-92
1
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
VCBO
IC=100μA
80
120
V
Collector-Emitter Breakdown Voltage
VCEO
IC=10mA
25
35
V
Collector-Emitter Breakdown Voltage
VCES
IC=100μA
80
120
V
Collector-Emitter Breakdown Voltage
VCEV
IC=100μA, VEB=1V
80
120
V
Emitter-Base Breakdown Voltage
VEBO
IE=100μA
5
8.75
V
Collector Cut-Off Current
ICBO
VCB=50V
0.3
10
nA
Emitter Cut-Off Current
IEBO
VEB=4V
0.3
10
nA
Collector Emitter Cut-Off Current
ICES
VCES=50V
0.3
10
nA
Collector-Emitter Saturation Voltage
(Note)
VCE(SAT)
IC=0.5A, IB=10mA
30
70
mV
IC=1A, IB=10mA
60
130
IC=2A, IB=10mA
125
280
IC=4A, IB=50mA
155
400
Base-Emitter Saturation Voltage (Note)
VBE(SAT)
IC=4A, IB=50mA
890
980
mV
Base-Emitter Turn-On Voltage (Note)
VBE(ON)
IC=4A, VCE=2V
820
920
mV
DC Current Gain (Note)
hFE
IC=10mA, VCE=2V
250
430
IC=0.5A, VCE=2V
300
450
IC=1A, VCE=2V
300
450
1200
IC=4A, VCE=2V
200
350
IC=20A, VCE=2V
7
Transition Frequency
fT
IC=50mA, VCE=10V, f=50MHz
180
MHz
Output Capacitance
COBO
VCB=10V, f=1MHz
45
60
pF
Turn-On Time
tON
IC=4A, IB=40mA, VCC=10V
125
ns
Turn-Off Time
tOFF
IC=4A, IB=±40mA, VCC=10V
380
ns
Note: Measured under pulsed conditions. Pulse width=300μs. Duty cycle ≤2%


同様の部品番号 - X1049AL-T92-B

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
X1049AL-T92-B UTC-X1049AL-T92-B Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
More results

同様の説明 - X1049AL-T92-B

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
X1049A UTC-X1049A Datasheet
115Kb / 3P
   HIGH GAIN TRANSISTOR
X1049A UTC-X1049A_12 Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
logo
Fairchild Semiconductor
KSD1944 FAIRCHILD-KSD1944 Datasheet
43Kb / 4P
   High Gain Power Transistor
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
   High-gain Amplifier Transistor
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
2SD1383K ROHM-2SD1383K Datasheet
114Kb / 4P
   High-gain Amplifier Transistor
logo
Micropac Industries
66083 MICROPAC-66083 Datasheet
90Kb / 2P
   High gain, high voltage transistor
logo
Guangdong Kexin Industr...
2SD2153 KEXIN-2SD2153 Datasheet
35Kb / 1P
   High Gain Amplifier Transistor
logo
Zetex Semiconductors
ZXTN25020DG ZETEX-ZXTN25020DG Datasheet
217Kb / 6P
   20V NPN high gain transistor
ZXTN25100DG ZETEX-ZXTN25100DG Datasheet
331Kb / 8P
   100V NPN high gain transistor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com