データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1662 データシート(PDF) 11 Page - Gennum Corporation

部品番号 GS1662
部品情報  Integrated Cable Driver
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1662 データシート(HTML) 11 Page - Gennum Corporation

Back Button GS1662 Datasheet HTML 7Page - Gennum Corporation GS1662 Datasheet HTML 8Page - Gennum Corporation GS1662 Datasheet HTML 9Page - Gennum Corporation GS1662 Datasheet HTML 10Page - Gennum Corporation GS1662 Datasheet HTML 11Page - Gennum Corporation GS1662 Datasheet HTML 12Page - Gennum Corporation GS1662 Datasheet HTML 13Page - Gennum Corporation GS1662 Datasheet HTML 14Page - Gennum Corporation GS1662 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
GS1662 HD/SD-SDI Serializer with Complete SMPTE
Video Support
Data Sheet
53628 - 3
October 2010
11 of 73
B7
VCO_VDD
Input Power
Power pin for VCO. Connect to 1.2V DC analog followed by an RC
filter (see Typical Application Circuit on page 68). VCO_VDD is
nominally 0.7V.
B8
VCO_GND
Input Power
Ground connection for VCO. Connect to analog GND.
B9, B10
A_GND
Input Power
GND pins for sensitive analog circuitry. Connect to analog GND.
C4V/VSYNCSynch-
ronous
with
PCLK
Input
PARALLEL DATA TIMING.
Signal levels are LVCMOS / LVTTL compatible.
TIM_861 = LOW:
The V signal is used to indicate the portion of the video field/frame
that is used for vertical blanking, when DETECT_TRS is set LOW.
The V signal should be set HIGH for the entire vertical blanking
period and should be set LOW for all lines outside of the vertical
blanking interval.
The V signal is ignored when DETECT_TRS = HIGH.
TIM_861 = HIGH:
The VSYNC signal indicates vertical timing. See Section 4.3 for
timing details.
The VSYNC signal is ignored when DETECT_TRS = HIGH.
C6, C7, C8PLL_GND
Input Power
Ground connection for PLL. Connect to analog GND.
C9, D9, E9,
F9
CD_GND
Input Power
Ground connection for the serial digital cable driver. Connect to
analog GND.
C10, D10
SDO, SDO
Output
Serial Data Output Signal.
Serial digital output signal operating at 1.485Gb/s, 1.485 /1.001Gb/s
or 270Mb/s.
The slew rate of the output is automatically controlled to meet
SMPTE 292 and 259M specifications according to the setting of the
RATE_SEL pin.
D3
STANDBY
Input
Standby input.
HIGH to place the device in Standby mode.
D4
SDO_EN/DIS
Input
CONTROL SIGNAL INPUT.
Signal levels are LVCMOS / LVTTL compatible.
Used to enable or disable the serial digital output stage.
When SDO_EN/DIS is LOW, the serial digital output signals SDO and
SDO are disabled and become high impedance.
When SDO_EN/DIS is HIGH, the serial digital output signals SDO and
SDO are enabled.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


同様の部品番号 - GS1662

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS1662 SEMTECH-GS1662 Datasheet
2Mb / 73P
   HD/SD-SDI Serializer with Complete SMPTE Video Support
More results

同様の説明 - GS1662

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS1672 GENNUM-GS1672 Datasheet
3Mb / 116P
   Integrated Cable Driver
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Maxim Integrated Produc...
MAX14827 MAXIM-MAX14827 Datasheet
1Mb / 41P
   Integrated LED Driver
Rev 0; 12/15
logo
ON Semiconductor
NCP303152 ONSEMI-NCP303152 Datasheet
1Mb / 25P
   Integrated Driver/MOSFET
February, 2023 - Rev. 2
logo
STMicroelectronics
L99SD01 STMICROELECTRONICS-L99SD01 Datasheet
1Mb / 2P
   Integrated solenoid driver
logo
ON Semiconductor
NCP5339 ONSEMI-NCP5339 Datasheet
272Kb / 13P
   Integrated Driver & MOSFETs
February, 2016 ??Rev. 1
logo
Texas Instruments
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
MORNSUN Science& Techno...
QC962 MORNSUN-QC962 Datasheet
100Kb / 2P
   Hybrid Integrated IGBT Driver
QP12W05S-37A MORNSUN-QP12W05S-37A Datasheet
307Kb / 3P
   Hybrid Integrated IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com