データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS3440 データシート(PDF) 9 Page - Gennum Corporation

部品番号 GS3440
部品情報  Automatic power-down on loss of signal
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GENNUM [Gennum Corporation]
ホームページ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3440 データシート(HTML) 9 Page - Gennum Corporation

Back Button GS3440 Datasheet HTML 5Page - Gennum Corporation GS3440 Datasheet HTML 6Page - Gennum Corporation GS3440 Datasheet HTML 7Page - Gennum Corporation GS3440 Datasheet HTML 8Page - Gennum Corporation GS3440 Datasheet HTML 9Page - Gennum Corporation GS3440 Datasheet HTML 10Page - Gennum Corporation GS3440 Datasheet HTML 11Page - Gennum Corporation GS3440 Datasheet HTML 12Page - Gennum Corporation GS3440 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
9 of 23
Proprietary and Confidential
2.3 AC Electrical Characteristics
Table 2-3: AC Electrical Characteristics
VCC_A = +3.3V ±5%, TA = -40°C to +85°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial input data rate
DRDDO
125
2970
Mb/s
1
Input Voltage Swing
ΔVSDI
Differential,
270Mb/s and 1.485Gb/s
720
800
950
mVppd
2
Differential,
2.97Gb/s
720
800
880
mVppd
3
Output Voltage Swing
ΔVDDO
100
Ω load, differential,
OP_CTL set for high
swing
700
850
1000
mVppd
100
Ω load, differential,
OP_CTL set for low swing
350
425
500
mVppd
Output Jitter at Various
Cable Lengths and Data
Rates
2.97Gb/s
Belden 1694A: 0-120m
0.25
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 120-150m
––
0.3
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 150-170m
––
0.4
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 170-200m
––
0.5
UI
3, 4, 5
2.97Gb/s
Belden 1694A: 200-210m
–0.5
UI
3, 4, 5
1.485Gb/s
Belden 1694A: 0-200m
––
0.2
UI
3, 4, 5
1.485Gb/s
Belden 1694A: 200-260m
––
0.3
UI
3, 4, 5
1.485Gb/s
Belden 1694A: 260-300m
–0.3
UI
3, 4, 5
270Mb/s
Belden 1694A: 0-300m
0.1
0.15
UI
3, 4, 5
270Mb/s
Belden 1694A: 300-500m
0.25
UI
3, 4, 5
270Mb/s
Belden 1694A: 500-550m
–0.25–
UI
3, 4, 5
Output Rise/Fall time
2.97Gb/s & 1.485Gb/s
20% - 80%
–75–
ps
270Mb/s
20% - 80%
150
ps
Mismatch in rise/fall time
30
ps


同様の部品番号 - GS3440

メーカー部品番号データシート部品情報
logo
Semtech Corporation
GS3440 SEMTECH-GS3440 Datasheet
1Mb / 23P
   Extended Reach 3G/HD/SD Adaptive Cable Equalizer
More results

同様の説明 - GS3440

メーカー部品番号データシート部品情報
logo
Gennum Corporation
GS2994 GENNUM-GS2994 Datasheet
1Mb / 20P
   Automatic power-down on loss of signal
GS2993 GENNUM-GS2993 Datasheet
1Mb / 23P
   Automatic power-down on loss of signal
GS3441 GENNUM-GS3441 Datasheet
1Mb / 25P
   Automatic power-down on loss of signal
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
logo
Micrel Semiconductor
SY88313BL MICREL-SY88313BL Datasheet
387Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
SY88289AL MICREL-SY88289AL Datasheet
334Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier with TTL Loss-of-Signal
logo
Linear Technology
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
   Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
   Pushbutton On/Off Controller with Automatic Turn-On
logo
Power Integrations, Inc...
CAP004DG-TL POWERINT-CAP004DG-TL Datasheet
604Kb / 8P
   Zero1 Loss Automatic X Capacitor Discharge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com