データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22316WFU10Z データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL22316WFU10Z
部品情報  Low Noise, Low Power I2C??Bus,128 Taps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22316WFU10Z データシート(HTML) 1 Page - Intersil Corporation

  ISL22316WFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22316WFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
FN6186.3
ISL22316
Single Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power I2CBus,
128 Taps
The ISL22316 integrates a single digitally controlled
potentiometer (DCP) and non-volatile memory on a
monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. The potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up, the device recalls the contents of the
DCP’s IVR to the WR.
The DCP can be used as a three-terminal potentiometer or
as a two-terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• 128 resistor taps
•I2C serial interface
- Two address pins, up to four devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70
 typical @ VCC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
•50k
or 10k total resistance
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T
 +55°C
• 10 Ld MSOP or 10 Ld TDFN package
• Pb-free (RoHS compliant)
Pinouts
ISL22316
(10 LD MSOP)
TOP VIEW
ISL22316
(10 LD TDFN)
TOP VIEW
1
2
3
4
5
6
10
9
8
7
SDA
SHDN
A0
A1
VCC
SCL
GND
RL
RW
RH
SDA
SHDN
A0
A1
VCC
SCL
GND
RL
RW
RH
1
2
3
4
5
6
10
9
8
7
O
Ordering Information
PART NUMBER
(Note)
PART
MARKING
RESISTANCE OPTION
(k
)
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG. DWG. #
ISL22316UFU10Z*
(No longer available,
recommended
replacement:
(ISL22316WFRT10Z-TK)
316UZ
50
-40 to +125
10 Ld MSOP
M10.118
ISL22316WFU10Z*
316WZ
10
-40 to +125
10 Ld MSOP
M10.118
ISL22316UFRT10Z*
(No longer available,
recommended
replacement:
(ISL22316WFRT10Z-TK)
316U
50
-40 to +125
10 Ld 3x3 TDFN
L10.3x3B
ISL22316WFRT10Z*
316W
10
-40 to +125
10 Ld 3x3 TDFN
L10.3x3B
*Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
Data Sheet
August 14, 2015
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2006, 2008, 2009, 2015. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL22316WFU10Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22316WFU10Z INTERSIL-ISL22316WFU10Z Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22316WFU10Z RENESAS-ISL22316WFU10Z Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

同様の説明 - ISL22316WFU10Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346UFV20Z INTERSIL-ISL22346UFV20Z Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com