データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22346WFV20Z データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL22346WFV20Z
部品情報  2Low Noise, Low Power I2C??Bus,128 Taps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346WFV20Z データシート(HTML) 5 Page - Intersil Corporation

  ISL22346WFV20Z Datasheet HTML 1Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 2Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 3Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 4Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 5Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 6Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 7Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 8Page - Intersil Corporation ISL22346WFV20Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN6177.2
September 3, 2009
TCV
(Note 12)
Ratiometric Temperature Coefficient
DCP register set to 40 hex
±4
ppm/°C
RESISTOR MODE (Measurements between RWi and RLi with RHi not connected, or between RWi and RHi with RLi not connected. i = 0, 1, 2 or 3)
RINL
(Note 16)
Integral Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions
-1
1
MI
(Note 13)
RDNL
(Note 15)
Differential Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions, W option
-1
1
MI
(Note 13)
DCP register set between 10h and 7Fh;
monotonic over all tap positions, U option
-0.5
0.5
MI
(Note 13)
Roffset
(Note 14)
Offset
W option
0
1
5
MI
(Note 13)
U option
0
0.5
2
MI
(Note 13)
RMATCH
(Note 17)
DCP to DCP Matching
Any two DCPs at the same tap position with
the same terminal voltages
-2
2
MI
(Note 13)
Analog Specifications
Over recommended operating conditions, unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
Operating Specifications Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 21)
TYP
(Note 5)
MAX
(Note 21)
UNIT
ICC1
VCC Supply Current (Volatile
Write/Read)
fSCL = 400kHz; SDA = Open; (for I
2C,
active, read and write states)
0.5
mA
ICC2
VCC Supply Current (Non-volatile
Write/Read)
fSCL = 400kHz; SDA = Open; (for I
2C,
active, read and write states)
3mA
ISB
VCC Current (Standby)
VCC = +5.5V @ +85°C, I
2C interface in
standby state
5µA
VCC = +5.5V @ +125°C, I
2C interface in
standby state
7µA
VCC = +3.6V @ +85°C, I
2C interface in
standby state
3µA
VCC = +3.6V @ +125°C, I
2C interface in
standby state
5µA
ISD
VCC Current (Shutdown)
VCC = +5.5V @ +85°C, I
2C interface in
standby state
3µA
VCC = +5.5V @ +125°C, I
2C interface in
standby state
5µA
VCC = +3.6V @ +85°C, I
2C interface in
standby state
2µA
VCC = +3.6V @ +125°C, I
2C interface in
standby state
4µA
ILkgDig
Leakage Current, at Pins A0, A1, A2,
SHDN, SDA and SCL
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 20)
DCP Wiper Response Time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 20)
DCP Recall Time from Shutdown
Mode
From rising edge of SHDN signal to wiper
stored position and RH connection
1.5
µs
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on Recall Voltage
Minimum VCC at which memory recall
occurs
2.0
2.6
V
ISL22346


同様の部品番号 - ISL22346WFV20Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22346WFV20Z INTERSIL-ISL22346WFV20Z Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22346WFV20Z INTERSIL-ISL22346WFV20Z Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
ISL22346WFV20Z RENESAS-ISL22346WFV20Z Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
More results

同様の説明 - ISL22346WFV20Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
103Kb / 3P
   Low Noise, Low Power, I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
   Low Noise, Low Power, SPI Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com