データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22414WFU10Z-TK データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISL22414WFU10Z-TK
部品情報  Low Noise, Low Power, SPI® Bus, 256 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22414WFU10Z-TK データシート(HTML) 8 Page - Intersil Corporation

Back Button ISL22414WFU10Z-TK Datasheet HTML 4Page - Intersil Corporation ISL22414WFU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22414WFU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22414WFU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22414WFU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22414WFU10Z-TK Datasheet HTML 9Page - Intersil Corporation ISL22414WFU10Z-TK Datasheet HTML 10Page - Intersil Corporation ISL22414WFU10Z-TK Datasheet HTML 11Page - Intersil Corporation ISL22414WFU10Z-TK Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN6425.1
September 9, 2015
Cpin
(Note 20)
SCK, SDI, SDO and CS pin
capacitance
10
pF
fSCK
SPI frequency
5MHz
tCYC
SPI clock cycle time
200
ns
tWH
SPI clock high time
100
ns
tWL
SPI clock low time
100
ns
tLEAD
Lead time
250
ns
tLAG
Lag time
250
ns
tSU
SDI, SCK and CS input setup time
50
ns
tH
SDI, SCK and CS input hold time
50
ns
tRI
SDI, SCK and CS input rise time
10
ns
tFI
SDI, SCK and CS input fall time
10
20
ns
tDIS
SDO output Disable time
0
100
ns
tSO
SDO output setup time
50
ns
tV
SDO output valid time
150
ns
tHO
SDO output hold time
0
ns
tRO
SDO output rise time
Rpu = 2k, Cbus = 30pF
60
ns
tFO
SDO output fall time
Rpu = 2k, Cbus = 30pF
60
ns
tCS
CS deselect time
2µs
NOTES:
4. Typical values are for TA = +25°C and 3.3V supply voltage.
5. LSB: [V(RW)255 – V(RW)0]/255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
6. ZS error = V(RW)0/LSB.
7. FS error = [V(RW)255 – VCC]/LSB.
8. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 255. i is the DCP register setting.
9. INL = [V(RW)i – i • LSB – V(RW)]/LSB for i = 1 to 255.
10. VMATCH= [V(RWx)i -V(RWy)i]/LSB, for i = 0 to 255, x = 0 to 1, y = 0 to 1.
11.
for i = 16 to 240 decimal, T = -40°C to +125°C. Max( ) is the maximum value of the wiper
voltage and Min ( ) is the minimum value of the wiper voltage over the temperature range.
12. MI =
|RW255 – RW0|/255. MI is a minimum increment. RW255 and RW0 are the measured resistances for the DCP register set to FF hex and
00 hex respectively.
13. Roffset = RW0/MI, when measuring between RW and RL.
Roffset = RW255/MI, when measuring between RW and RH.
14. RDNL = (RWi – RWi-1)/MI -1, for i = 1 to 255.
15. RINL = [RWi – (MI • i) – RW0]/MI, for i = 1 to 255.
16. RMATCH= [(Rx)i -(Ry)i]/MI, for i = 0 to 255, x = 0 to 1, y = 0 to 1.
17.
for i = 16 to 240, T = -40°C to +125°C. Max( ) is the maximum value of the resistance and Min ( ) is
the minimum value of the resistance over the temperature range.
18. tWC is the time from the end of a Write sequence of SPI serial interface, to the end of the self-timed internal non-volatile write cycle.
19. Rpu is specified for the highest data rate transfer for the device. Higher value pull-up can be used at lower data rates.
20. This parameter is not 100% tested.
Operating Specifications Over the recommended operating conditions unless otherwise specified. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
(NOTE 4)
MAX
UNIT
TCV
Max V RW

i
 Min V RW

i

Max V RW

i
 Min V RW

i

+
 2
----------------------------------------------------------------------------------------------
106
165°C
-----------------
=
+
TCR
Max Ri
 Min Ri


Max Ri
 Min Ri

+
 2
----------------------------------------------------------------
10
6
165°C
-----------------
=
+
ISL22424


同様の部品番号 - ISL22414WFU10Z-TK

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL22414WFU10Z-TK RENESAS-ISL22414WFU10Z-TK Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
More results

同様の説明 - ISL22414WFU10Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Low Noise/Low Power/I2C® Bus/256 Taps
July 18, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
logo
Renesas Technology Corp
ISL22444 RENESAS-ISL22444 Datasheet
1Mb / 19P
   Quad Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
May 24, 2007
ISL22414 RENESAS-ISL22414 Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com