データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL22511UFRU10Z-TK データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL22511UFRU10Z-TK
部品情報  Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22511UFRU10Z-TK データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL22511UFRU10Z-TK Datasheet HTML 5Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 6Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 7Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 8Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 9Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 10Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 11Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 12Page - Intersil Corporation ISL22511UFRU10Z-TK Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9001 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6678.2
September 9, 2015
Shutdown Mode
The ISL22511 enters into Shutdown Mode if both PU and PD
inputs are kept LOW for 2 seconds. In this mode, the
resistors array is totally disconnected from its RH pin and the
wiper is moved to position closest to RL pin, as shown in
Figure 13. Note, that PU and PD inputs must be pulled LOW
within tDB time window of 15ms, see “Shutdown Mode
Timing” on page 7. Otherwise all command will be ignored till
both inputs will be released.
Holding either PU, PD or ASE input LOW for more than
15ms will exit shutdown mode and return wiper to prior
shutdown position. If PU or PD will be held LOW for more
than 250ms, the ISL22511 will start auto-increment or
auto-decrement of wiper position.
RTOTAL with VCC Removed
The end to end resistance of the array will fluctuate once
VCC is removed.
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
RL
RW
RH
FIGURE 13. DCP CONNECTION IN SHUTDOWN MODE
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make
sure that you have the latest revision
.
DATE
REVISION
CHANGE
September 9, 2015
FN6678.1
- Ordering Information Table on page 2.
- Added About Intersil Verbiage.
- Updated POD L10.2.1X1.6A to latest revision changes are as follow:
Updated to new POD format by removing table listing dimensions and moving dimensions onto drawing.
Added Typical Recommended Land Pattern. Removed package option.
- Updated POD M8.15 to latest revision changes are as follow:
Changed Note 1 "1982" to "1994"
Changed in Typical Recommended Land Pattern the following:
2.41(0.095) to 2.20(0.087)
0.76 (0.030) to 0.60(0.023)
0.200 to 5.20(0.205)
Updated to new POD format by removing table and moving dimensions onto drawing and adding land
pattern.
07/06/09
FN6678.1
Added reliability information on page 1 under Features and EEPROM Specifications in DC Electrical Spec
Table.
03/24/08
FN6678.0
Initial Release to web
ISL22511


同様の部品番号 - ISL22511UFRU10Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL22511UFRU10Z-TK INTERSIL-ISL22511UFRU10Z-TK Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511UFRU10Z-TK RENESAS-ISL22511UFRU10Z-TK Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

同様の説明 - ISL22511UFRU10Z-TK

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL22512WFB8Z INTERSIL-ISL22512WFB8Z Datasheet
372Kb / 12P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
October 12, 2015
ISL23512 INTERSIL-ISL23512 Datasheet
236Kb / 9P
   Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com