データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23318TFUZ データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL23318TFUZ
部品情報  Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23318TFUZ データシート(HTML) 6 Page - Intersil Corporation

Back Button ISL23318TFUZ Datasheet HTML 2Page - Intersil Corporation ISL23318TFUZ Datasheet HTML 3Page - Intersil Corporation ISL23318TFUZ Datasheet HTML 4Page - Intersil Corporation ISL23318TFUZ Datasheet HTML 5Page - Intersil Corporation ISL23318TFUZ Datasheet HTML 6Page - Intersil Corporation ISL23318TFUZ Datasheet HTML 7Page - Intersil Corporation ISL23318TFUZ Datasheet HTML 8Page - Intersil Corporation ISL23318TFUZ Datasheet HTML 9Page - Intersil Corporation ISL23318TFUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ISL23318
6
FN7887.0
July 26, 2011
TCR
(Note 19)
Resistance Temperature Coefficient
W option; Wiper register set between
19 hex and 7F hex
220
ppm/°C
U option; Wiper register set between 19
hex and 7F hex
100
ppm/°C
T option; Wiper register set between 19
hex and 7F hex
75
ppm/°C
Analog Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise stated.
Boldface limits apply over the operating temperature range, -40°C to +125°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
ILOGIC
VLOGIC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V,
fSCL = 400kHz (for I2C active read and
write)
200
µA
VLOGIC = 1.2V, VCC = 1.7V,
fSCL = 400kHz (for I2C active read and
write)
5
µA
ICC
VCC Supply Current (Write/Read)
VLOGIC = 5.5V, VCC = 5.5V
18
µA
VLOGIC = 1.2V, VCC = 1.7V
10
µA
ILOGIC SB VLOGIC Standby Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1.3
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
0.4
µA
ICC SB
VCC Standby Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1.5
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
1
µA
ILOGIC SHDN VLOGIC Shutdown Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1.3
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
0.4
µA
ICC SHDN VCC Shutdown Current
VLOGIC = VCC = 5.5V,
I2C interface in standby
1.5
µA
VLOGIC = 1.2V, VCC = 1.7V,
I2C interface in standby
1
µA
ILkgDig
Leakage Current, at Pins A0, A1, SDA, SCL Voltage at pin from GND to VLOGIC
-0.4
<0.1
0.4
µA
tDCP
Wiper Response Time
SCL rising edge of the acknowledge bit
after data byte to wiper new position
1.5
µs
tShdnRec DCP Recall Time from Shutdown Mode
SCL rising edge of the acknowledge bit
after ACR data byte to wiper recalled
position and RH connection
1.5
µs
VCC, VLOGIC
Ramp
(Note 21)
VCC ,VLOGIC Ramp Rate
Ramp monotonic at any level
0.01
50
V/ms


同様の部品番号 - ISL23318TFUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23318TFUZ INTERSIL-ISL23318TFUZ Datasheet
727Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23318TFUZ RENESAS-ISL23318TFUZ Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23318TFUZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL23318 RENESAS-ISL23318 Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23318 INTERSIL-ISL23318 Datasheet
727Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com