データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23318UFUZ データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL23318UFUZ
部品情報  Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23318UFUZ データシート(HTML) 2 Page - Intersil Corporation

  ISL23318UFUZ Datasheet HTML 1Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 2Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 3Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 4Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 5Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 6Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 7Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 8Page - Intersil Corporation ISL23318UFUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISL23318
2
FN7887.0
July 26, 2011
Block Diagram
LEVEL
SHIFTER
VCC
RH
GND
RL
RW
SCL
SDA
A1
A0
POWER-UP
INTERFACE,
CONTROL
AND
STATUS
LOGIC
WR
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
VLOGIC
I/O
BLOCK
Pin Configurations
ISL23318
(10 LD MSOP)
TOP VIEW
ISL23318
(10 LD UTQFN)
TOP VIEW
1
2
3
4
5
6
10
9
8
7
SDA
VLOGIC
A1
A0
GND
SCL
RL
RW
RH
VCC
9
8
7
6
1
2
3
4
A1
VCC
RH
GND
SCL
A0
SDA
RW
Pin Descriptions
MSOP
UTQFN
SYMBOL
DESCRIPTION
110
VLOGIC
I2C bus /logic supply. Range 1.2V to
5.5V
2
1
SCL
Logic Pin - Serial bus clock input
3
2
SDA
Logic Pin - Serial bus data
input/open drain output
4
3
A0
Logic Pin - Hardwire slave address
pin for I2C serial bus.
Range: VLOGIC or GND
5
4
A1
Logic Pin - Hardwire slave address
pin for I2C serial bus.
Range: VLOGIC or GND
6
5
RL
DCP “low” terminal
7
6
RW
DCP wiper terminal
8
7
RH
DCP “high” terminal
98
VCC
Analog power supply.
Range 1.7V to 5.5V
10
9
GND
Ground pin


同様の部品番号 - ISL23318UFUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23318UFUZ INTERSIL-ISL23318UFUZ Datasheet
727Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23318UFUZ RENESAS-ISL23318UFUZ Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23318UFUZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL23318 RENESAS-ISL23318 Datasheet
1,010Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23318 INTERSIL-ISL23318 Datasheet
727Kb / 19P
   Single, 128-taps Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90726 RENESAS-ISL90726 Datasheet
441Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL90727 RENESAS-ISL90727 Datasheet
436Kb / 8P
   Single Volatile 128-Tap XDCP??Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL23315 INTERSIL-ISL23315 Datasheet
834Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com