データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL23325WFRUZ-T7A データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL23325WFRUZ-T7A
部品情報  Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23325WFRUZ-T7A データシート(HTML) 1 Page - Intersil Corporation

  ISL23325WFRUZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL23325WFRUZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL23325WFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23325WFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23325WFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23325WFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23325WFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23325WFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23325WFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
DATASHEET
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC. 2011, 2015. All Rights Reserved
Intersil (and design) and XDCP are trademarks owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners
Dual, 256-Tap, Low Voltage Digitally Controlled
Potentiometer (XDCP™)
ISL23325
The ISL23325 is a volatile, low voltage, low noise, low power,
256-Tap, dual digitally controlled potentiometer (DCP) with an
I2C Bus™ interface. It integrates two DCP cores, wiper switches
and control logic on a monolithic CMOS integrated circuit.
Each digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the I2C
bus interface. Each potentiometer has an associated volatile
Wiper Register (WRi, i = 0, 1) that can be directly written to and
read by the user. The contents of the WRi controls the position
of the wiper. When powered on, the wiper of each DCP will
always commence at mid-scale (128 tap position).
The low voltage, low power consumption, and small package
of the ISL23325 make it an ideal choice for use in battery
operated equipment. In addition, the ISL23325 has a VLOGIC
pin allowing down to 1.2V bus operation, independent from the
VCC value. This allows for low logic levels to be connected
directly to the ISL23325 without passing through a voltage
level shifter.
The DCP can be used as a three-terminal potentiometer or as a
two-terminal variable resistor in a wide variety of applications
including control, parameter adjustments, and signal
processing.
Applications
• Power supply margining
• Trimming sensor circuits
• Gain adjustment in battery powered instruments
• RF power amplifier bias compensation
Features
• Two potentiometers per package
• 256 resistor taps
•10kΩ 50kΩ or 100kΩ total resistance
•I2C serial interface
- No additional level translator for low bus supply
- Three address pins allow up to eight devices per bus
• Maximum supply current without serial bus activity
(standby)
- 3µA @ VCC and VLOGIC = 5V
- 1.7µA @ VCCand VLOGIC = 1.7V
•Shutdown Mode
- Forces the DCP into an end-to-end open circuit and RWi is
connected to RLi internally
- Reduces power consumption by disconnecting the DCP
resistor from the circuit
•Power supply
-VCC = 1.7V to 5.5V analog power supply
-VLOGIC = 1.2V to 5.5V I2C bus/logic power supply
• Wiper resistance: 70Ω typical @ VCC = 3.3V
• Power-on preset to mid-scale (128 tap position)
• Extended industrial temperature range: -40°C to +125°C
• 14 Ld TSSOP or 16 Ld µTQFN packages
• Pb-free (RoHS Compliant)
FIGURE 1. FORWARD AND BACKWARD RESISTANCE vs TAP
POSITION, 10kΩ DCP
FIGURE 2. VREF ADJUSTMENT
0
2000
4000
6000
8000
10000
TAP POSITION (DECIMAL)
0
64
128
192
256
VREF_M
ISL28114
1 DCP
OF
ISL23325
+
-
VREF
RL1
RW1
RH1
September 23, 2015
FN7870.1


同様の部品番号 - ISL23325WFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23325WFRUZ-T7A INTERSIL-ISL23325WFRUZ-T7A Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23325WFRUZ-T7A RENESAS-ISL23325WFRUZ-T7A Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

同様の説明 - ISL23325WFRUZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL23425 INTERSIL-ISL23425 Datasheet
852Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23325 INTERSIL-ISL23325 Datasheet
848Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23325 RENESAS-ISL23325 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425 RENESAS-ISL23425 Datasheet
1Mb / 20P
   Dual, 256-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23425TFVZ INTERSIL-ISL23425TFVZ Datasheet
748Kb / 20P
   Dual, 256-Tap, Low Voltage Digitally Contro Potentiometer (XDCP??
September 11, 2015
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
ISL23445 RENESAS-ISL23445 Datasheet
1Mb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
logo
Intersil Corporation
ISL23428 INTERSIL-ISL23428 Datasheet
645Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com