データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA112P25MREP データシート(PDF) 8 Page - Intersil Corporation

部品番号 ISLA112P25MREP
部品情報  Low Power 12-Bit, 250MSPS ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA112P25MREP データシート(HTML) 8 Page - Intersil Corporation

Back Button ISLA112P25MREP Datasheet HTML 4Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 5Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 6Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 7Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 8Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 9Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 10Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 11Page - Intersil Corporation ISLA112P25MREP Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ISLA112P25M
8
FN7646.1
November 17, 2011
Word Error Rate
WER
10-12
Full Power Bandwidth
FPBW
1.3
GHz
NOTES:
4. For min and max parameter limits, refer to DSCC drawing number V62/10609.
5. To ensure device accuracy the measurement temperature is to be within 60°C of the calibration temperature.
6. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load
on each digital output.
7. See Nap /Sleep Mode description on page 17 for more details.
8. The DLL Range setting must be changed for low speed operation. See “Serial Peripheral Interface” on page 20 for more detail.
9. AC Specifications apply after internal calibration of the ADC is invoked at the given sample rate and temperature. Refer to
“Power-On Calibration” on page 14 and “User-Initiated Reset” on page 15 for more details.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -55°C to +125°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per
speed grade). (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4) UNITS
Digital Specifications
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUTS
Input Current High (SDIO, RESETN)
IIH
VIN = 1.8V
1
µA
Input Current Low (SDIO, RESETN)
IIL
VIN = 0V
-12
µA
Input Voltage High (SDIO, RESETN)
VIH
1.8
V
Input Voltage Low (SDIO, RESETN)
VIL
0V
Input Current High (OUTMODE, NAPSLP, CLKDIV,
OUTFMT) (Note 10)
IIH
25
µA
Input Current Low (OUTMODE, NAPSLP, CLKDIV,
OUTFMT)
IIL
25
µA
Input Capacitance
CDI
3pF
LVDS OUTPUTS
Differential Output Voltage
VT
3mA Mode
620
mVP-P
Output Offset Voltage
VOS
3mA Mode
965
mV
Output Rise Time
tR
500
ps
Output Fall Time
tF
500
ps
CMOS OUTPUTS
Voltage Output High
VOH
IOH = -500µA
OVDD - 0.1
V
Voltage Output Low
VOL
IOL = 1mA
0.1
V
Output Rise Time
tR
1.8
ns
Output Fall Time
tF
1.4
ns


同様の部品番号 - ISLA112P25MREP

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Renesas Technology Corp
ISLA112P25MREP RENESAS-ISLA112P25MREP Datasheet
891Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
More results

同様の説明 - ISLA112P25MREP

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA112P25M INTERSIL-ISLA112P25M Datasheet
1,005Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
ISLA112P25MREP INTERSIL-ISLA112P25MREP Datasheet
857Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
logo
Renesas Technology Corp
ISLA112P25M RENESAS-ISLA112P25M Datasheet
891Kb / 29P
   Low Power 12-Bit, 250MSPS ADC
November 17, 2011
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4129 TI1-ADS4129 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com