データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA118P50IRZ データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISLA118P50IRZ
部品情報  8-Bit, 500MSPS A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA118P50IRZ データシート(HTML) 9 Page - Intersil Corporation

Back Button ISLA118P50IRZ Datasheet HTML 5Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 6Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 7Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 8Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 9Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 10Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 11Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 12Page - Intersil Corporation ISLA118P50IRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISLA118P50
9
FN7565.2
July 25, 2011
Switching Specifications
PARAMETER
CONDITION
SYMBOL
MIN
TYP
MAX
UNITS
A/D OUTPUT
Aperture Delay
tA
375
ps
RMS Aperture Jitter
jA
90
fs
Input Clock to Output Clock Propagation
Delay
AVDD, OVDD = 1.8V, TA = +25°C
tCPD
2.6
2.9
3.3
ns
AVDD, OVDD = 1.7V to 1.9V,
TA = -40°C to +85°C
tCPD
2.0
2.6
3.6
ns
Relative Input Clock to Output Clock
Propagation Delay Matching (Note 16)
AVDD, OVDD = 1.7V to 1.9V,
TA = -40°C to +85°C
dtCPD
-450
450
ps
Input Clock to Data Propagation Delay, LVDS
Mode
tPD
1.74
2.6
3.83
ns
Output Clock to Data Propagation Delay
(Note 13)
LVDS or CMOS Mode
tDC
-250
0
250
ps
Synchronous Clock Divider Reset Setup Time
(with respect to the positive edge of CLKP)
tRSTS
300
75
ps
Synchronous Clock Divider Reset Hold Time
(with respect to the positive edge of CLKP)
tRSTH
450
150
ps
Synchronous Clock Divider Reset Recovery
Time
DLL recovery time after Synchronous
Reset
tRSTRT
52
µs
Latency (Pipeline Delay) (Note 17)
L
17
cycles
Overvoltage Recovery
tOVR
1cycles
SPI INTERFACE (Notes 18, 19)
SCLK Period
Write Operation
t
CLK
32
cycles
(Note 18)
Read Operation
tCLK
132
cycles
CSB
↓ to SCLK↑ Setup Time
Read or Write
tS
2cycles
CSB
↑ after SCLK↑ Hold Time
Read or Write
tH
11
cycles
Data Valid to SCLK
↑ Setup Time
Write
tDSW
2cycles
Data Valid after SCLK
↑ Hold Time
Write
tDHW
8cycles
Data Valid after SCLK
↓ Time
Read
tDVR
33
cycles
Data Invalid after SCLK
↑ Time
Read
tDHR
6cycles
Sleep Mode CSB
↓ to SCLK↑ Setup Time
(Note 20)
Read or Write in Sleep Mode
tS
150
µs
NOTES:
14. The Tri-Level Inputs internal switching thresholds are approximately 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
15. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak singled-ended swing is 1/2 of the differential swing.
16. The relative propagation delay is the timing of the output clock of any A/D with respect to the nominal timing of any other A/D, given that all devices
are clocked at the same time and are matched in temperature and voltage. It is specified over the full operating temperature and voltage range, and
is established by characterization and not production tested.
17. The pipeline latency of this converter is fixed.
18. SPI Interface timing is directly proportional to the A/D sample period (tSAMPLE).
19. The SPI may operate asynchronously with respect to the A/D sample clock.
20. The CSB setup time increases in sleep mode due to the reduced power state, CSB setup time in Nap mode is equal to normal mode CSB setup time
(4ns min).


同様の部品番号 - ISLA118P50IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
941Kb / 35P
   8-Bit, 500MSPS A/D Converter
ISLA118P50IRZ INTERSIL-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA118P50IRZ RENESAS-ISLA118P50IRZ Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
More results

同様の説明 - ISLA118P50IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA118P50 INTERSIL-ISLA118P50_11 Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
ISLA118P50 INTERSIL-ISLA118P50 Datasheet
941Kb / 35P
   8-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA118P50 RENESAS-ISLA118P50 Datasheet
1Mb / 34P
   8-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
KAD5512P-50_0910 INTERSIL-KAD5512P-50_0910 Datasheet
836Kb / 30P
   12-Bit, 500MSPS A/D Converter
ISLA110P50 INTERSIL-ISLA110P50 Datasheet
1,007Kb / 35P
   10-Bit, 500MSPS A/D Converter
ISLA112P50IRZ INTERSIL-ISLA112P50IRZ Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
August 1, 2011
KAD5512P-50 INTERSIL-KAD5512P-50_09 Datasheet
652Kb / 27P
   12-Bit, 500MSPS A/D Converter
logo
List of Unclassifed Man...
KAD5510P-50 ETC2-KAD5510P-50 Datasheet
676Kb / 28P
   10-Bit, 500MSPS A/D Converter
logo
Intersil Corporation
ISLA112P50 INTERSIL-ISLA112P50_11 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
logo
Renesas Technology Corp
ISLA112P50 RENESAS-ISLA112P50 Datasheet
1Mb / 34P
   12-Bit, 500MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com