データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA216S20IR1Z データシート(PDF) 3 Page - Intersil Corporation

部品番号 ISLA216S20IR1Z
部品情報  16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216S20IR1Z データシート(HTML) 3 Page - Intersil Corporation

  ISLA216S20IR1Z Datasheet HTML 1Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 2Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 3Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 4Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 5Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA216S20IR1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ISLA216S
3
FN7996.1
April 19, 2013
Pin Descriptions
PIN NUMBER
NAME
FUNCTION
2, 11, 14, 15, 46
AVDD
1.8V Analog Supply
12, 20, 33, 34, 47, 48
DNC
Do Not Connect
3, 4, 9, 10
AVSS
Analog Ground
7, 8
VINP
Analog Input, Positive
5, 6
VINN
Analog Input, Negative
1
VCM
Common Mode Output
44
CLKDIV
Clock Divider Control
16, 17
CLKP, CLKN
Clock Input True, Complement
45
NAPSLP
Power Control (Nap, Sleep modes)
13
RESETN
Power On Reset (Active Low)
26, 29, 32, 35, 37, 38
OVSS
Output Ground
25, 36, 39
OVDD
1.8V Digital Supply
22, 24
OVDD (PLL)
1.8V Analog Supply for SERDES PLL
21, 23
OVSS (PLL)
Analog Ground Supply for SERDES PLL
18, 19
SYNCP, SYNCN
JESD204 SYNC Input
27, 28
LANE0P, LANE0N
SERDES Lane 0
30, 31
LANE1P, LANE1N
SERDES Lane 1
40
SDO
SPI Serial Data Output
41
CSB
SPI Chip Select (active low)
42
SCLK
SPI Clock
43
SDIO
SPI Serial Data Input/Output
PAD
AVSS
Exposed Paddle. Analog Ground (connect to AVSS)
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISLA216S25IR1Z
ISLA216S25 IR1Z
-40 to +85
48 Ld QFN
L48.7x7G
ISLA216S20IR1Z
ISLA216S20 IR1Z
-40 to +85
48 Ld QFN
L48.7x7G
ISLA216S13IR1Z
ISLA216S13 IR1Z
-40 to +85
48 Ld QFN
L48.7x7G
Coming Soon
ISLA216S25IR48EV1Z
Evaluation Board
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISLA216S13, ISLA216S20, ISLA216S25. For more information on MSL
please see techbrief TB363.


同様の部品番号 - ISLA216S20IR1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA216S20IR1Z INTERSIL-ISLA216S20IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA216S20IR1Z RENESAS-ISLA216S20IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
More results

同様の説明 - ISLA216S20IR1Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA214S50 RENESAS-ISLA214S50 Datasheet
1Mb / 41P
   14-Bit, 500/350 MSPS JESD204B High Speed Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com