データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA224S20IR1Z データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISLA224S20IR1Z
部品情報  Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224S20IR1Z データシート(HTML) 10 Page - Intersil Corporation

Back Button ISLA224S20IR1Z Datasheet HTML 6Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 7Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 8Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 9Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 10Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 11Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 12Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 13Page - Intersil Corporation ISLA224S20IR1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ISLA224S
10
FN7911.2
April 25, 2013
Typical Performance Curves
All Typical Performance Characteristics apply under the following conditions unless otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -2dBFS,
fIN = 105MHz, fSAMPLE = 250MSPS.
FIGURE 3. SNR AND SFDR vs fIN
FIGURE 4. HD2 AND HD3 vs fIN
FIGURE 5. SNR AND SFDR vs AIN (250MSPS)
FIGURE 6. HD2 AND HD3 vs AIN (250MSPS)
FIGURE 7. SNR AND SFDR vs fSAMPLE
FIGURE 8. HD2 AND HD3 vs fSAMPLE
50
55
60
65
70
75
80
85
90
95
0
100
200
300
400
500
600
700
INPUT FREQUENCY (MHz)
SFDR AT 200 MSPS
SFDR AT 250 MSPS
SFDR AT 125 MSPS
SNR AT 250 MSPS
SNR AT 200 MSPS
SNR AT 125 MSPS
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
100
200
300
400
500
600
700
INPUT FREQUENCY (MHz)
HD2 AT 200 MSPS
HD2 AT 250 MSPS
HD2 AT 125 MSPS
HD3 AT 250 MSPS
HD3 AT 200 MSPS
HD3 AT 125 MSPS
0
10
20
30
40
50
60
70
80
90
100
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
-120
-100
-80
-60
-40
-20
0
-60-50
-40-30
-20-10
0
INPUT AMPLITUDE (dBFS)
HD2 (dBc)
HD3 (dBFS)
HD2 (dBFS)
HD3 (dBc)
60
65
70
75
80
85
90
50
100
150
200
250
300
SAMPLE RATE (MSPS)
SFDR
SNR
-100
-95
-90
-85
-80
-75
50
100
150
200
250
300
SAMPLE RATE (MSPS)
HD2
HD3


同様の部品番号 - ISLA224S20IR1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA224S20IR1Z INTERSIL-ISLA224S20IR1Z Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S20IR1Z RENESAS-ISLA224S20IR1Z Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

同様の説明 - ISLA224S20IR1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA222S25IR1Z INTERSIL-ISLA222S25IR1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
July 6, 2015
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com