データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISLA224S25IR48EV1Z データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISLA224S25IR48EV1Z
部品情報  Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA224S25IR48EV1Z データシート(HTML) 10 Page - Intersil Corporation

Back Button ISLA224S25IR48EV1Z Datasheet HTML 6Page - Intersil Corporation ISLA224S25IR48EV1Z Datasheet HTML 7Page - Intersil Corporation ISLA224S25IR48EV1Z Datasheet HTML 8Page - Intersil Corporation ISLA224S25IR48EV1Z Datasheet HTML 9Page - Intersil Corporation ISLA224S25IR48EV1Z Datasheet HTML 10Page - Intersil Corporation ISLA224S25IR48EV1Z Datasheet HTML 11Page - Intersil Corporation ISLA224S25IR48EV1Z Datasheet HTML 12Page - Intersil Corporation ISLA224S25IR48EV1Z Datasheet HTML 13Page - Intersil Corporation ISLA224S25IR48EV1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
ISLA222S
10
FN8302.1
July 6, 2015
Submit Document Feedback
Typical Performance Curves All Typical Performance Characteristics apply under the following conditions unless
otherwise noted: AVDD = OVDD = 1.8V, TA = +25°C, AIN = -2dBFS, fIN = 105MHz, fSAMPLE = 250MSPS.
FIGURE 3. SNR AND SFDR vs fIN
FIGURE 4. HD2 AND HD3 vs fIN
FIGURE 5. SNR AND SFDR vs AIN (250MSPS)
FIGURE 6. HD2 AND HD3 vs AIN (250MSPS)
FIGURE 7. SNR AND SFDR vs AIN (125MSPS)
FIGURE 8. H2 AND H3 vs AIN (125MSPS)
50
55
60
65
70
75
80
85
90
95
0
100
200
300
400
500
600
INPUT FREQUENCY (MHz)
SFDR AT 125 MSPS
SFDR AT 200 MSPS
SFDR AT 250 MSPS
SNR AT 250 MSPS
SNR AT 125 MSPS
SNR AT 200 MSPS
-105
-95
-85
-75
-65
-55
0
100
200
300
400
500
600
INPUT FREQUENCY (MHz)
HD2 AT 125 MSPS
HD2 AT 250 MSPS
HD2 AT 200 MSPS
HD3 AT 250 MSPS
HD3 AT 200 MSPS
HD3 AT 125 MSPS
0
10
20
30
40
50
60
70
80
90
100
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
-120
-100
-80
-60
-40
-20
0
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
HD3 (dBc)
HD2 (dBFS)
HD3 (dBFS)
HD2 (dBc)
0
20
40
60
80
100
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SFDR (dBc)
SNR (dBc)
-120
-100
-80
-60
-40
-20
0
-60
-50
-40
-30
-20
-10
0
INPUT AMPLITUDE (dBFS)
HD3 (dBc)
HD2 (dBFS)
HD3 (dBFS)
HD2 (dBc)


同様の部品番号 - ISLA224S25IR48EV1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA224S25IR48EV1Z INTERSIL-ISLA224S25IR48EV1Z Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S25IR48EV1Z INTERSIL-ISLA224S25IR48EV1Z Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S25IR48EV1Z RENESAS-ISLA224S25IR48EV1Z Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S25IR48EV1Z RENESAS-ISLA224S25IR48EV1Z Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
More results

同様の説明 - ISLA224S25IR48EV1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISLA222S INTERSIL-ISLA222S Datasheet
1Mb / 40P
   Dual 12-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA222S RENESAS-ISLA222S Datasheet
1Mb / 38P
   Dual 12-bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S INTERSIL-ISLA224S_12 Datasheet
1Mb / 39P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
ISLA224S INTERSIL-ISLA224S Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Renesas Technology Corp
ISLA224S RENESAS-ISLA224S Datasheet
2Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA224S25IR1Z INTERSIL-ISLA224S25IR1Z Datasheet
1Mb / 38P
   Dual 14-Bit, 250/200/125 MSPS JESD204B High Speed Serial Output ADC
April 25, 2013
logo
Renesas Technology Corp
ISLA216S RENESAS-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
logo
Intersil Corporation
ISLA216S INTERSIL-ISLA216S Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
ISLA216S25IR1Z INTERSIL-ISLA216S25IR1Z Datasheet
1Mb / 34P
   16-Bit, 250/200/130 MSPS JESD204B High Speed Serial Output ADC
April 19, 2013
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
   Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com