データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4952 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM4952
部品情報  Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM4952 データシート(HTML) 4 Page - Texas Instruments

  LM4952_15 Datasheet HTML 1Page - Texas Instruments LM4952_15 Datasheet HTML 2Page - Texas Instruments LM4952_15 Datasheet HTML 3Page - Texas Instruments LM4952_15 Datasheet HTML 4Page - Texas Instruments LM4952_15 Datasheet HTML 5Page - Texas Instruments LM4952_15 Datasheet HTML 6Page - Texas Instruments LM4952_15 Datasheet HTML 7Page - Texas Instruments LM4952_15 Datasheet HTML 8Page - Texas Instruments LM4952_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM4952
SNAS230A – AUGUST 2004 – REVISED MAY 2013
www.ti.com
Electrical Characteristics VDD = 12V
(1)(2) (continued)
The following specifications apply for VDD = 12V, AV = 20dB (nominal), RL = 4Ω, and TA = 25°C unless otherwise noted.
Symbol
Parameter
Conditions
LM4952
Units
(Limits)
Typical(3)
Limit(4)(5)
THD+N
Total Harmomic Distortion + Noise
PO = 2.0Wrms, f = 1kHz
0.08
%
εOS
Output Noise
A-Weighted Filter, VIN = 0V,
8
µV
Input Referred
XTALK
Channel Separation
fIN = 1kHz, PO = 1W,
Input Referred
RL = 8Ω
78
RL = 4Ω
72
dB
PSRR
Power Supply Rejection Ratio
VRIPPLE = 200mVp-p, f = 1kHz,
89
80
dB (min)
Input Referred
IOL
Output Current Limit
VIN = 0V, RL = 500mΩ
5
A
Electrical Characteristics for Volume Control
(1) (2)
The following specifications apply for VDD = 12V, AV = 20dB (nominal), and TA = 25°C unless otherwise noted.
LM4952
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
VOLmax
Gain
VDC-VOL = Full scale, No Load
20
dB
VOLmin
Gain
VDC-VOL = +1LSB, No Load
-46
dB
AM
Mute Attenuation
VDC-VOL = 0V, No Load
75
63
dB (min)
(1)
All voltages are measured with respect to the GND pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not specify specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which specify specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not specified for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensured to AOQL (Average Outgoing Quality Level).
External Components Description
Refer to Figure 2.
Components
Functional Description
This is the input coupling capacitor. It blocks DC voltage at the amplifier's inverting input. CIN and RIN create a
1. CIN
highpass filter. The filter's cutoff frequency is fC = 1/(2πRINCIN). Refer to SELECTING EXTERNAL COMPONENTS,
for an explanation of determining CIN's value.
The supply bypass capacitor. Refer to POWER SUPPLY BYPASSING for information about properly placing, and
2. CS
selecting the value of, this capacitor.
This capacitor filters the half-supply voltage present on the BYPASS pin. Refer to SELECTING EXTERNAL
3. CBYPASS
COMPONENTS for information about properly placing, and selecting the value of, this capacitor.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4952


同様の部品番号 - LM4952_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4952TS NSC-LM4952TS Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results

同様の説明 - LM4952_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com