データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4995 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM4995
部品情報  1.3 W Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM4995 データシート(HTML) 4 Page - Texas Instruments

  LM4995_15 Datasheet HTML 1Page - Texas Instruments LM4995_15 Datasheet HTML 2Page - Texas Instruments LM4995_15 Datasheet HTML 3Page - Texas Instruments LM4995_15 Datasheet HTML 4Page - Texas Instruments LM4995_15 Datasheet HTML 5Page - Texas Instruments LM4995_15 Datasheet HTML 6Page - Texas Instruments LM4995_15 Datasheet HTML 7Page - Texas Instruments LM4995_15 Datasheet HTML 8Page - Texas Instruments LM4995_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM4995, LM4995TMBD
SNAS329G – APRIL 2006 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS VDD = 5V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4995
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, Io = 0A, No Load
1.5
2.5
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
1.8
mA
ISD
Shutdown Current
VSD = VGND
0.01
1
µA (max)
VOS
Output Offset Voltage
No Load
5
26
mV (max)
Po
Output Power
THD+N = 1% (max); f = 1 kHz
1.3 (TM)
W
1.25 (SD)
TWU
Wake-up time
165
ms
THD+N
Total Harmonic Distortion + Noise
Po = 500mWRMS; f = 1kHz
0.08
%
Vripple = 200mV sine p-p
73 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
dB
Input terminated to GND
73 (f = 1kHz)
VSDIH
Shutdown Voltage Input High
1.5
V
VSDIL
Shutdown Voltage Input Low
1.2
V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensure for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
ELECTRICAL CHARACTERISTICS VDD = 3.6V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4995
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, Io = 0A, No Load
1.3
2.3
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
1.6
mA
ISD
Shutdown Current
VSD = VGND
0.01
1
µA (max)
VOS
Output Offset Voltage
No Load
5
26
mV (max)
Output Power
THD+N = 1% (max); f = 1 kHz
625 (TM)
mW
Po
610 (SD)
TWU
Wake-up time
130
ms
THD+N
Total Harmonic Distortion + Noise
Po = 300mWRMS; f = 1kHz
0.07
%
Vripple = 200mV sine p-p
75 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
dB
Input terminated to GND
76 (f = 1kHz)
VSDIH
Shutdown Voltage Input High
1.3
V
VSDIL
Shutdown Voltage Input Low
1
V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensure for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4995 LM4995TMBD


同様の部品番号 - LM4995_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
More results

同様の説明 - LM4995_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com