データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4995 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4995
部品情報  1.3 W Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM4995 データシート(HTML) 6 Page - Texas Instruments

Back Button LM4995 Datasheet HTML 2Page - Texas Instruments LM4995 Datasheet HTML 3Page - Texas Instruments LM4995 Datasheet HTML 4Page - Texas Instruments LM4995 Datasheet HTML 5Page - Texas Instruments LM4995 Datasheet HTML 6Page - Texas Instruments LM4995 Datasheet HTML 7Page - Texas Instruments LM4995 Datasheet HTML 8Page - Texas Instruments LM4995 Datasheet HTML 9Page - Texas Instruments LM4995 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50 100 200
500 1k
2k
5k 10k
FREQUENCY (Hz)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50 100 200
500 1k
2k
5k 10k
FREQUENCY (Hz)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
20k
50 100 200
500 1k
2k
5k 10k
FREQUENCY (Hz)
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
20
2000
50
100
200
500
1000
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
OUTPUT POWER (mW)
10
1000
20
50
100
200
500
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
OUTPUT POWER (mW)
10
1000
20
50
100
200
500
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
OUTPUT POWER (mW)
LM4995, LM4995TMBD
SNAS329G – APRIL 2006 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
THD+N vs Output Power
THD+N vs Output Power
VDD = 3V, RL = 8Ω
VDD = 3.6V, RL = 8Ω
Figure 4.
Figure 5.
THD+N vs Frequency
THD+N vs Output Power
VDD = 3V, RL = 8Ω,
VDD = 5V, RL = 8Ω
f = 1kHz, PO = 250mW
Figure 6.
Figure 7.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.6V, RL = 8Ω,
VDD = 5V, RL = 8Ω,
f = 1kHz, PO = 300mW
f = 1kHz, PO = 500mW
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4995 LM4995TMBD


同様の部品番号 - LM4995

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4995 NSC-LM4995 Datasheet
769Kb / 15P
   BOOMER-R AUDIO POWER AMPLIFIER SERIES
LM4995 NSC-LM4995 Datasheet
365Kb / 18P
   1.3W Audio Power Amplifier
logo
Texas Instruments
LM4995 TI1-LM4995 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
LM4995TMBD TI1-LM4995TMBD Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
National Semiconductor ...
LM4995 NSC-LM4995_07 Datasheet
365Kb / 18P
   1.3W Audio Power Amplifier
More results

同様の説明 - LM4995

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4995 TI1-LM4995_14 Datasheet
1,005Kb / 23P
[Old version datasheet]   1.3 W Audio Power Amplifier
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
   5 W audio power amplifier
November 1982
TDA1015T PHILIPS-TDA1015T Datasheet
75Kb / 10P
   0,5 W audio power amplifier
March 1986
logo
Texas Instruments
TPA4861 TI-TPA4861 Datasheet
415Kb / 24P
[Old version datasheet]   1-W AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
List of Unclassifed Man...
DI35 ETC-DI35 Datasheet
78Kb / 2P
   16 W Audio Amplifier Power Supply
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com