データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM49450 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM49450
部品情報  Boomer I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM49450 データシート(HTML) 7 Page - Texas Instruments

Back Button LM49450_15 Datasheet HTML 3Page - Texas Instruments LM49450_15 Datasheet HTML 4Page - Texas Instruments LM49450_15 Datasheet HTML 5Page - Texas Instruments LM49450_15 Datasheet HTML 6Page - Texas Instruments LM49450_15 Datasheet HTML 7Page - Texas Instruments LM49450_15 Datasheet HTML 8Page - Texas Instruments LM49450_15 Datasheet HTML 9Page - Texas Instruments LM49450_15 Datasheet HTML 10Page - Texas Instruments LM49450_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
LM49450
www.ti.com
SNAS440D – FEBRUARY 2008 – REVISED MAY 2013
Electrical Characteristics VDD = LSVDD = 3.6V, HPVDD = CPVDD = 2.5V
(1)(2) (continued)
The following specifications apply for Headphone: AV = 0dB, RL(LS) = 8Ω, RL(HP) = 32Ω, f = 1kHz, C1 = C2 = 2.2μF, unless
otherwise specified. Limits apply for TA = 25°C.
LM49450
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
Full-Scale Headphone Amplifier
mVRMS
VOUT_FS
RL = No Load
942
850
Output Voltage
(min)
tON
Turn-On Time
27
ms
tOFF
Turn-Off Time
1
ms
HEADPHONE SENSE INPUT (HPS)
VIH
Input High Voltage
1
V
VIL
Input Low Voltage
0.6
V
DIGITAL INTERFACE
VIH
Input High Voltage
2.8
V (min)
VIL
Input Low Voltage
0.8
V (max)
VOH
Output High Voltage
2
V (min)
VOL
Output Low Voltage
1
V (max)
Electrical Characteristics VDD = LSVDD = 5.0V
(1) (2)
The following specifications apply for Headphone: AV = 0dB, RL(LS) = 8Ω, RL(HP) = 32Ω, f = 1kHz, unless otherwise specified.
Limits apply for TA = 25°C.
LM49450
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
SPEAKER AMPLIFIERS (Headphone Amplifiers Disabled, HPS = 0)
fS = 48kHz, DAC Active
14
18
mA (max)
IDDLS
Analog Supply Current
Line Inputs Active
10.4
16
mA (max)
DAC Voltage
15
50
mV (max)
VOS
Output Offset Voltage
AV = 0dB, Line Inputs Active
12
48
mV (max)
RL = 4Ω, f = 1kHz
THD+N = 1%
1.9
W
THD+N = 10%
2.5
W
POUT
Output Power
RL = 8Ω, f = 1kHz
THD+N = 1%
1.25
mW (min)
THD+N = 10%
1.54
W
PO = 635mW, f = 1kHz, RL = 8Ω
THD+N
Total Harmonic Distortion
DAC Active
0.06
%
Line Inputs Active
0.04
%
VRIPPLE = 200mVP-P, f = 1kHz
DAC Active, Internal Reference
60
dB
PSRR
Power Supply Rejection Ratio
DAC Active, External Reference
60
dB
Line Inputs Active
70
dB
PO = TBDmW, f = 1kHz
η
Efficiency
80
%
RL = 8Ω
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
RL is a resistive load in series with two inductors to simulate an actual speaker load. For RL = 8Ω, the load is 15µH + 8Ω +15µH. For RL
= 4
Ω, the load is 15µH + 4Ω + 15µH.
(3)
Typical values represent most likely parametric norms at TA = +25ºC, and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Datasheet min/max specification limits are specified by test or statistical analysis.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM49450


同様の部品番号 - LM49450_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
More results

同様の説明 - LM49450_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM49450 NSC-LM49450 Datasheet
1Mb / 38P
   I2S Input, 2.5W/Channel, Low EMI, Stereo, Class D Audio Sub-System with Ground Referenced Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Texas Instruments
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
[Old version datasheet]   Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
National Semiconductor ...
LM49250 NSC-LM49250_08 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
   Ground Referenced Stereo Headphone Amplifier
logo
National Semiconductor ...
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
Texas Instruments
LM49250 TI1-LM49250 Datasheet
1Mb / 36P
[Old version datasheet]   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM4947 TI1-LM4947_14 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System with OCL Headphone Amplifier and National 3D
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com