データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1013G-X-T9N-K データシート(PDF) 2 Page - Unisonic Technologies

部品番号 2SA1013G-X-T9N-K
部品情報  PNP EPITAXIAL SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1013G-X-T9N-K データシート(HTML) 2 Page - Unisonic Technologies

  2SA1013G-X-T9N-K Datasheet HTML 1Page - Unisonic Technologies 2SA1013G-X-T9N-K Datasheet HTML 2Page - Unisonic Technologies 2SA1013G-X-T9N-K Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1013
PNP EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R208-049.D
ABSOLUTE MAXIMUM RATINGS (T
A=25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-160
V
Collector-Emitter Voltage
VCEO
-160
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-1
A
Base Current
IB
-0.5
A
Collector Power Dissipation
SOT-89
PC
500
W
TO-92/TO-92NL
900
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Cut-Off Current
ICBO
VCB=-150V, IE=0
-1.0
µA
Emitter Cut-Off Current
IEBO
VEB=-6V, IC=0
-1.0
µA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-160
V
DC Current Gain
hFE
VCE=-5V, IC=-200mA
60
320
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-50mA
-1.5
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-5mA
-0.45
-0.75
V
Transition Frequency
fT
VCE=-5V, IC=-200mA
15
50
MHz
Collector Output Capacitance
Cob
VCB=-10V, f=1MHz, IE=0
35
pF
CLASSIFICATION OF hFE
RANK
R
O
P
RANGE
60~120
100~200
160~320


同様の部品番号 - 2SA1013G-X-T9N-K

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
190Kb / 3P
   TRANSISTOR (COLOR TV VERT. DEFELCTION OUTPUT APPLICATIONS)
logo
Jiangsu Changjiang Elec...
2SA1013 JIANGSU-2SA1013 Datasheet
11Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
2SA1013 ETC-2SA1013 Datasheet
1Mb / 2P
   TO 92MOD PLASTIC ENCAPSULATE TRANSISTORS
logo
SHENZHEN KOO CHIN ELECT...
2SA1013 KOOCHIN-2SA1013 Datasheet
290Kb / 2P
   TRANSISTOR (PNP)
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013 Datasheet
159Kb / 5P
   Color TV Verttical Deflection Output Applications Power Switching Applications
More results

同様の説明 - 2SA1013G-X-T9N-K

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com