データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZTA42G-AA3-R データシート(PDF) 2 Page - Unisonic Technologies

部品番号 PZTA42G-AA3-R
部品情報  HIGH VOLTAGE TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PZTA42G-AA3-R データシート(HTML) 2 Page - Unisonic Technologies

  PZTA42G-AA3-R Datasheet HTML 1Page - Unisonic Technologies PZTA42G-AA3-R Datasheet HTML 2Page - Unisonic Technologies PZTA42G-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PZTA42/43
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R207-005.E
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
PZTA42
VCBO
300
V
PZTA43
200
V
Collector-Emitter Voltage
PZTA42
VCEO
300
V
PZTA43
200
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
500
mA
Collector Power Dissipation
Pc
1
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO IC =100μA, IE=0
PZTA42
300
V
PZTA43
200
V
Collector-Emitter Breakdown Voltage
BVCEO IC =1mA, IB=0
PZTA42
300
V
PZTA43
200
V
Emitter-Base Breakdown Voltage
BVEBO IE=100μA, IC =0
6
V
Collector Cut-Off Current
ICBO
VCB=200V, IE=0
PZTA42
100
nA
VCB=160V, IE=0
PZTA43
100
nA
Emitter Cut-Off Current
IEBO
VBE=6V, IC =0
PZTA42
100
nA
VBE=4V, IC =0
PZTA43
100
nA
DC Current Gain
hFE
VCE=10V, IC =1mA
80
VCE=10V, IC =10mA
80
300
VCE=10V, IC 30mA
80
Collector-Emitter Saturation Voltage
VCE(SAT) IC =20mA, IB=2mA
0.2
V
Base-Emitter Saturation Voltage
VBE(SAT) IC =20mA, IB=2mA
0.90
V
Current Gain Bandwidth Product
fT
VCE=20V, IC =10mA, f=100MHz
50
MHz
Collector Base Capacitance
CCB
VCB=20V, IE=0, f=1MHz
PZTA42
3
pF
PZTA43
4
pF


同様の部品番号 - PZTA42G-AA3-R

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
PZTA42G-AA3-R UTC-PZTA42G-AA3-R Datasheet
163Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA42G-AA3-R UTC-PZTA42G-AA3-R Datasheet
163Kb / 3P
   HIGH VOLTAGE TRANSISTOR
More results

同様の説明 - PZTA42G-AA3-R

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com